Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54360B-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54360B-Q1
Description  60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360B-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54360B-Q1 Datasheet HTML 1Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 2Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 3Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 4Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 5Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 6Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 7Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 8Page - Texas Instruments TPS54360B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TPS54360B-Q1
VIN
VIN
EN
BOOT
SW
RT/CLK
COMP
FB
GND
VOUT
Copyright © 2016, Texas Instruments Incorporated
0
10
20
30
40
50
60
70
80
100
0
0.5
1.0
1.5
2.0
I - Output Current - A
O
2.5
3.0
90
4.0
3.5
5 V
3.3 V
V
= 5 V, sw = 600 kHz
OUT
f
V
= 3.3 V,
OUT
fsw = 300 kHz
V
= 12 V
IN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS54360B-Q1
SLVSDV1 – FEBRUARY 2017
TPS54360B-Q1 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode™
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H1C
Device CDM ESD Classification Level C3B
High Efficiency at Light Loads With Pulse Skipping
Eco-Mode™
92-mΩ High-Side MOSFET
146-μA Operating Quiescent Current and 2 µA
Shutdown Current
100-kHz to 2.5-MHz Adjustable Switching
Frequency
Synchronizes to External Clock
Low Dropout at Light Loads With Integrated
BOOT Recharge FET
Adjustable UVLO Voltage and Hysteresis
0.8-V 1% Internal Voltage Reference
8-Pin HSOP With PowerPAD™ Package
–40°C to 150°C TJ Operating Range
2 Applications
Vehicle Accessories: GPS (See SLVA412),
Entertainment, ADAS, eCall
USB Dedicated Charging Ports and Battery
Chargers (See SLVA464)
Industrial Automation and Motor Controls
12-V, 24-V, and 48-V Industrial, Automotive, and
Communications Power Systems
3 Description
The TPS54360B-Q1 is a 60-V 3.5-A step-down
regulator with an integrated high-side MOSFET. The
device survives load dump pulses up to 65 V per ISO
7637. Current mode control provides simple external
compensation and flexible component selection. A
low-ripple pulse-skip mode reduces the no-load
supply current to 146 μA. Shutdown supply current is
reduced to 2 μA when the enable pin is pulled low.
Undervoltage lockout is internally set at 4.3 V but can
be increased using an external resistor divider at the
enable pin. The output voltage start-up ramp is
internally controlled to provide a controlled start up
and eliminate overshoot.
A wide adjustable frequency range allows either
efficiency or external component size to be optimized.
Frequency foldback and thermal shutdown protects
internal and external components during an overload
condition.
The TPS54360B-Q1 is available in an 8-pin thermally
enhanced HSOP PowerPAD package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS54360B-Q1
HSOP (8)
4.89 mm x 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Efficiency vs Load Current


Similar Part No. - TPS54360B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54360B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com