Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500AT07A0900 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5500AT07A0900
Description  High Frequency Ceramic Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5500AT07A0900 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5500AT07A0900 Datasheet HTML 1Page - Johanson Technology Inc. 5500AT07A0900 Datasheet HTML 2Page - Johanson Technology Inc. 5500AT07A0900 Datasheet HTML 3Page - Johanson Technology Inc. 5500AT07A0900 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P/N 5500AT07A0900
Detail Specification:
Page 2 of 4
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2014 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
10/30/2014
Ver 1.0
Johanson Evaluation Board Dimmension and Characteristics of the antenna design
5.1 to 5.9 GHz, micro antenna optimized for PCB edge mount. Great for WiFi
and V2V (Vehicle to Vehicle communications)
Test Board-Top View (Unit in mm)
Test Board-Bottom View (Units in mm)
40
20
No Ground (Yellow area)
Ground
Matching circuits
50 CPWG
Feedline
2.5
4
Antenna
40
20
No Ground (Yellow area)
Ground
2.5
4
5500AT07A0900-EB1SMA
5500AT07A0900-EB1SMA
EVB Orderable p/n:
5500AT07A0900-EB1SMA
•This antenna thrives in edge mount, midlle of the PCB
placements. It may also be placed at corners, the operation won't
be at its full potential though. We have corner-specific 5GHz
antennas here: www.johansontechnology.com/antennas
EVB Orderable p/n:
5500AT07A0900-EB1SMA


Similar Part No. - 5500AT07A0900

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5500AT18A0725 JOHANSON-5500AT18A0725 Datasheet
475Kb / 4P
   5.5 GHz Chip Antenna
5500AT18A0725E JOHANSON-5500AT18A0725E Datasheet
475Kb / 4P
   5.5 GHz Chip Antenna
More results

Similar Description - 5500AT07A0900

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450DP39G5500 JOHANSON-2450DP39G5500 Datasheet
207Kb / 3P
   High Frequency Ceramic Solutions
2450DP39H5500 JOHANSON-2450DP39H5500 Datasheet
208Kb / 3P
   High Frequency Ceramic Solutions
1905BP18A0050 JOHANSON-1905BP18A0050 Datasheet
107Kb / 2P
   High Frequency Ceramic Solutions
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
   High Frequency Ceramic Solutions
2450BM15A0002E JOHANSON-2450BM15A0002E Datasheet
178Kb / 2P
   High Frequency Ceramic Solutions
4000BL14U100T JOHANSON-4000BL14U100T Datasheet
77Kb / 2P
   High Frequency Ceramic Solutions
2450BM14E0003 JOHANSON-2450BM14E0003 Datasheet
388Kb / 4P
   High Frequency Ceramic Solutions
0896BM15E0025 JOHANSON-0896BM15E0025 Datasheet
717Kb / 5P
   High Frequency Ceramic Solutions
2450AD14A5500 JOHANSON-2450AD14A5500 Datasheet
660Kb / 6P
   High Frequency Ceramic Solutions
2450BP14D0100 JOHANSON-2450BP14D0100_12 Datasheet
181Kb / 2P
   High Frequency Ceramic Solutions
0783FB15A0100E JOHANSON-0783FB15A0100E Datasheet
153Kb / 2P
   High Frequency Ceramic Solutions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com