Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54560BQDDAQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54560BQDDAQ1
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54560BQDDAQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54560BQDDAQ1 Datasheet HTML 6Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 7Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 8Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 9Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 10Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 11Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 12Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 13Page - Texas Instruments TPS54560BQDDAQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
TPS54560B-Q1
SLVSDP8 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS54560B-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS54560B-Q1 is a 60 V, 5 A, step-down (buck) regulator with an integrated high side n-channel MOSFET.
The device implements constant frequency, current mode control which reduces output capacitance and
simplifies external frequency compensation. The wide switching frequency range of 100 kHz to 2500 kHz allows
either efficiency or size optimization when selecting the output filter components. The switching frequency is
adjusted using a resistor to ground connected to the RT/CLK terminal. The device has an internal phase-locked
loop (PLL) connected to the RT/CLK terminal that will synchronize the power switch turn on to a falling edge of
an external clock signal.
The TPS54560B-Q1 has a default input start-up voltage of approximately 4.3 V. The EN terminal can be used to
adjust the input voltage undervoltage lockout (UVLO) threshold with two external resistors. An internal pull up
current source enables operation when the EN terminal is floating. The operating current is 146 μA under no load
condition (not switching). When the device is disabled, the supply current is 2 μA.
The integrated 92mΩ high side MOSFET supports high efficiency power supply designs capable of delivering 5
amperes of continuous current to a load. The gate drive bias voltage for the integrated high side MOSFET is
supplied by a bootstrap capacitor connected from the BOOT to SW terminals. The TPS54560B-Q1 reduces the
external component count by integrating the bootstrap recharge diode. The BOOT terminal capacitor voltage is
monitored by a UVLO circuit which turns off the high side MOSFET when the BOOT to SW voltage falls below a
preset threshold. An automatic BOOT capacitor recharge circuit allows the TPS54560B-Q1to operate at high
duty cycles approaching 100%. Therefore, the maximum output voltage is near the minimum input supply voltage
of the application. The minimum output voltage is the internal 0.8 V feedback reference.
Output overvoltage transients are minimized by an Overvoltage Transient Protection (OVP) comparator. When
the OVP comparator is activated, the high side MOSFET is turned off and remains off until the output voltage is
less than 106% of the desired output voltage.
The TPS54560B-Q1 includes an internal soft-start circuit that slows the output rise time during start-up to reduce
in-rush current and output voltage overshoot. Output overload conditions reset the soft-start timer. When the
overload condition is removed, the soft-start circuit controls the recovery from the fault output level to the nominal
regulation voltage. A frequency foldback circuit reduces the switching frequency during start-up and overcurrent
fault conditions to help maintain control of the inductor current.


Similar Part No. - TPS54560BQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560BDDA TI1-TPS54560BDDA Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560BDDAR TI1-TPS54560BDDAR Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Similar Description - TPS54560BQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_17 Datasheet
2Mb / 46P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
TPS54560 TI-TPS54560_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com