Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC65F232A Datasheet(PDF) 2 Page - Amphenol Corporation

Part # MC65F232A
Description  Precision, solid state temperature sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MC65F232A Datasheet(HTML) 2 Page - Amphenol Corporation

  MC65F232A Datasheet HTML 1Page - Amphenol Corporation MC65F232A Datasheet HTML 2Page - Amphenol Corporation MC65F232A Datasheet HTML 3Page - Amphenol Corporation MC65F232A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type MC65
Specifications
NTC Interchangeable Type MC65
Epoxy-coated interchangeable chip thermistors with
heavy isomid insulated nickel lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of 1000 Ω to
100 kΩ
• Other tolerances or ranges
• Other lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
Thermal and Electrical Properties
Dissipation Constant
Still air: 0.5 mW/°C
Stirred oil: 4 mW/°C
Thermal Time Constant
Still air: 8 seconds
Stirred oil: 0.5 seconds
Maximum Power at 77°F (25°C)
25 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
3 in (76.2 mm) nominal
0.25 in (6.35 mm)
Ø 0.065 in
(1.65 mm)
maximum
Ø 0.004 in
(0.10 mm)
NTC Interchangeable Type MC65 Dimensions
Ordering Information
Select appropriate part number below for resistance
and temperature tolerance desired.
R25°C
Material
System
±0.05°C; 35°C to 39°C
±0.075°C; 39°C to 42°C
±0.10°C; 20°C to 45°C
±0.15°C; 0°C to 50°C
±0.1°C; 35°C to 39°C
±0.15°C; 20°C to 45°C
±0.2°C; 0°C to 50°C
±0.15°C; 35°C to 39°C
±0.2°C; 20°C to 45°C
±0.25°C; 0°C to 50°C
2252
F
MC65F232A
MC65F232B
MC65F232C
3000
F
MC65F302A
MC65F302B
MC65F302C
5000
F
MC65F502A
MC65F502B
MC65F502C
10000
F
MC65F103A
MC65F103B
MC65F103C
10000
Y
MC65Y103A
MC65Y103B
MC65Y103C
30000
H
MC65H303A
MC65H303B
MC65H303C
50000
G
MC65G503A
MC65G503B
MC65G503C
100000
Y
MC65Y104A
MC65Y104B
MC65Y104C
100000
G
MC65G104A
MC65G104B
MC65G104C
Note: For RoHS
compliant product,
please add the
suffix “N” to the part
label. Example:
MC65F103AN


Similar Part No. - MC65F232A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC65 AMPHENOL-MC65 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
More results

Similar Description - MC65F232A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DC95 AMPHENOL-DC95 Datasheet
127Kb / 4P
   Precision, solid state temperature sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com