Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR-42-P-A Datasheet(PDF) 1 Page - Amphenol Corporation

Part # BR-42-P-A
Description  Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BR-42-P-A Datasheet(HTML) 1 Page - Amphenol Corporation

  BR-42-P-A Datasheet HTML 1Page - Amphenol Corporation BR-42-P-A Datasheet HTML 2Page - Amphenol Corporation BR-42-P-A Datasheet HTML 3Page - Amphenol Corporation BR-42-P-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass Encapsulated
Bead Thermistors
NTC Type BR Series
Type BR11/14/16/25
Small glass encapsulated bead thermistors on fine
diameter alloy lead-wires.
• Suitable for most low cost temperature measurement, control
or compensation applications
• Very fast thermal response times
• Rugged glass encapsulation provides hermetic seal and better
strain relief than small glass coated bead thermistors
• Long term stability is better than small glass coated bead
thermistors
• Suitable for self-heated applications such as liquid level
sensing or gas flow measurement
• Recommended for all applications where the customer will
perform further assembly operations
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system E0, 392°F
(200°C) for Material systems A1 through A4, 572°F (300°C) for
Material systems A5 through D17
• Unaffected by severe environmental exposures, including
nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Type B32/42/55
Large glass encapsulated bead thermistors on fine
diameter platinum alloy lead-wires.
• Suitable for most low cost temperature measurement, control
or compensation applications
• Fast thermal response times
• Rugged glass encapsulation provides hermetic seal and better
strain relief than large glass coated bead thermistors
• Long term stability is better than large glass coated bead
thermistors
• Suitable for self-heated applications such as liquid level
sensing or gas flow measurement
• Recommended for all applications where the customer will
perform further assembly operations
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system E0, 392°F
(200°C) for Material systems A1 through A4, 572°F (300°C) for
Material systems A5 through D17
• Unaffected by severe environmental exposures, including
nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Amphenol
Advanced Sensors
Features


Similar Part No. - BR-42-P-A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR-4CAM EXTECH-BR-4CAM Datasheet
192Kb / 2P
   Borescope Probe For use with the BR200 and BR250 Borescopes only
More results

Similar Description - BR-42-P-A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B05 AMPHENOL-B05 Datasheet
127Kb / 4P
   Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
logo
Vishay Siliconix
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Honeywell Accelerometer...
1582240 HONEYWELL-ACC-1582240 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
PerkinElmer Optoelectro...
U1160 PERKINELMER-U1160 Datasheet
206Kb / 1P
   small Photocell Glass encapsulated housing
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com