Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP60-A-A-202 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # SP60-A-A-202
Description  Ultra-stable Probe Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP60-A-A-202 Datasheet(HTML) 3 Page - Amphenol Corporation

  SP60-A-A-202 Datasheet HTML 1Page - Amphenol Corporation SP60-A-A-202 Datasheet HTML 2Page - Amphenol Corporation SP60-A-A-202 Datasheet HTML 3Page - Amphenol Corporation SP60-A-A-202 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Stability Classes (By Nominal Resistance at 77°F (25°C)
Ultra-stable probe thermistors availability depends upon nominal resistance at 77°F (25°C). Stability class is
indicated by a code letter for temperature class and a code number for stability group.
Example: “A1” = .02% maximum change per year at 221°F (105°C) maximum temperature.
Table B
Material System (All Types 60/65/85/100)
Code
Letter
R-vs-T
Curve
25/125
Ratio
Nominal Resistance
Range @ 77°F (25°C) Ohms
(W)
Code Class “A”
221°F (105°C)
maximum
Class “B”
392°F (200°C)
maximum
Class “C”
572°F (300°C)
maximum
E
0
5.0
30 to 51
A6
C6
A
1
11.8
51 to 150
A3
A4
A5
A6
B6
C6
A
2
12.5
150 to 360
A3
A4
A5
A6
B6
C6
A
3
14.0
360 to 750
A3
A4
A5
A6
B6
C6
A
4
16.9
750 to 1.5k
A1
A2
A3
A4 A5
A6
B5
B6
C6
A
5
19.8
1.5k to 3.6k
A1
A2
A3
A4 A5
A6
B5
B6
C6
A
6
22.1
3.6k to 6.2k
A1
A2
A3
A4 A5
A6
B5
B6
C6
A
7
22.7
6.2k to 9.1k
A1
A2
A3
A4 A5
A6
B5
B6
C6
B
8
29.4
9.1k to 27k
A1
A2
A3
A4 A5
A6
B5
B6
C6
B
9
30.8
27k to 43k
A2
A3
A4 A5
A6
B5
B6
C6
B
10
32.3
43k to 75k
A2
A3
A4 A5
A6
B5
B6
C6
B
11
35.7
75k to 160k
A2
A3
A4 A5
A6
B5
B6
C6
B
12
38.1
160k to 360k
A2
A3
A4 A5
A6
B5
B6
C6
B
13
45.0
360k to 750k
A2
A3
A4 A5
A6
B5
B6
C6
B
14
48.1
750k to 1.5M
A2
A3
A4 A5
A6
B5
B6
C6
B
15
56.5
1.5M to 3.0M
A4 A5
A6
B6
C6
D
16
75.6
3.0M to 8.2M
A4 A5
A6
B6
C6
D
17
81.0
8.2M to 20M
A4 A5
A6
B6
C6
“1” = 0.02%/year
“2” = 0.05%/year
“3” = 0.075%/year
“4” = 0.1%/year
“5” = 0.2%/year
“6” = 0.5%/year


Similar Part No. - SP60-A-A-202

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SP60-2000 COPAL-SP60-2000 Datasheet
94Kb / 2P
   STEPPING MOTORS
More results

Similar Description - SP60-A-A-202

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
   Ultra Stable
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
   Ultra Stable
logo
List of Unclassifed Man...
ATC800C ETC2-ATC800C Datasheet
191Kb / 5P
   Ultra-Stable Performance
ATC800E ETC2-ATC800E Datasheet
142Kb / 5P
   Ultra-Stable Performance
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC700C ETC2-ATC700C Datasheet
283Kb / 6P
   Ultra-Stable Performance
logo
Vishay Siliconix
VJHIFREQ VISHAY-VJHIFREQ Datasheet
144Kb / 11P
   Ultra-stable dielectric material
Revision: 13-Dec-16
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
   Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
   Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
   Probe assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com