Electronic Components Datasheet Search |
|
SP65-B-A-202 Datasheet(PDF) 1 Page - Amphenol Corporation |
|
SP65-B-A-202 Datasheet(HTML) 1 Page - Amphenol Corporation |
1 / 4 page Ultra-stable Probe Thermistors NTC Type SP Series Data The temperature class represents the maximum permissible continuous operating or storage tem- perature available. The stability group represents the maximum drift rate, in percent resistance change per year, of the thermistor, when operated or stored at all temperatures up to the maximum rating. Ultra- stable Probe Thermistors should not be exposed to temperatures higher than the maximum rating, as this will degrade their stability and void the stability classification. When specified, additional precon- ditioning can be preformed to stabilize units for a particular application. Applications The NTC Type SP60, SP65, SP85, and SP100 Ultra- stable Probe Thermistors may be used in all temper- ature measurement and control applications with the added assurance of long term stability and reliability. They are the ideal choice for use as secondary stan- dards in laboratories. Amphenol Advanced Sensors The NTC Type SP60, SP65, SP85, and SP100 Ultra-stable Probe Thermistors have similar construction and dimensions to the Type P60, P65, P85, and P100 Probe Thermistors. Ultra-stable Probe Thermistors receive additional processing to assure their continuous use in one of three temperature classes and are catego- rized into one of six stability groups. |
Similar Part No. - SP65-B-A-202 |
|
Similar Description - SP65-B-A-202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |