Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA193V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-ISA193V1
Description  15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA193V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-ISA193V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STEVAL-ISA193V1
Revision history
DocID029594 Rev 1
5/6
2
Revision history
Table 4: Document revision history
Date
Version
Changes
02-Aug-2016
1
Initial release.


Similar Part No. - STEVAL-ISA193V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
May 2016 Rev 1
STEVAL-ISA192V1 STMICROELECTRONICS-STEVAL-ISA192V1 Datasheet
256Kb / 5P
   7 W dual output flyback converter with standby managed by capacitive touch using VIPer0P and STM32L
February 2017 Rev 1
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
   5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
September 2017 Rev 1
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
   12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-ISA198V1 STMICROELECTRONICS-STEVAL-ISA198V1 Datasheet
273Kb / 4P
   2 A step down DC - DC switching regulator (VIN = 4.5 V to 60 V) based on the L7987L
November 2016 Rev 1
More results

Similar Description - STEVAL-ISA193V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SMACH15V1 STMICROELECTRONICS-STEVAL-SMACH15V1 Datasheet
235Kb / 5P
   15 W 5 V output USB adapter evaluation board with STCH03 CC-mode primary sensing switching controller
Rev 1 - June 2018
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
   5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
December 2016 Rev 1
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
   12 V - 400 W adapter based on L4985A, L6699 and SRK2001
Rev 1 - July 2022
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
   12 V - 5 W isolated flyback converter based on VIPer122LS
Rev 1 - October 2020
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
   12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
May 2014 Rev 1
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
   48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
   45 W USB Type-C??Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
   Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
February 2013 Rev 1
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com