Electronic Components Datasheet Search |
|
SF0805Y221SANHB Datasheet(PDF) 5 Page - API Technologies Corp |
|
SF0805Y221SANHB Datasheet(HTML) 5 Page - API Technologies Corp |
5 / 6 page API TECHNOLOGIES • 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com API TECHNOLOGIES’ SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58 Soldering Instructions General Soldering Notes 1. High soldering temperatures and long soldering times can cause leaching of the termination and adversely affect adhesion. These conditions can also decrease capacitance value. Use the above recommended solder temperature cycle. 2. Due to the mechanical characteristic of ceramic composition, aggressive thermal shock will degrade performance. Preheat the assembly before soldering using the above solder temperature profile as a guide. 3. Use mild flux (less than 0.2% by weight of Chlorine), preferable rosin based. If water soluble, wash thoroughly to assure all residue is removed from the underside of components. 4. Ultrasonic Cleaning When using an ultrasonic cleaning method, the following range is recommended: Frequency: Not to exceed 28kHz Output Power: Not to exceed 20W/liter Cleaning Time: 5 minutes max C A B Through hole .016 to .024 (0.4 to 0.6) Top view Bottom view Connects to top Copper RecommendedBoardPattern RecommendedBoardPattern ReflowSoldering 0 60-120 Preheat Solder Cool down 50 100 150 200 250 10 max. 120 min. 130 to 150°C 220 to 240°C Seconds RecommendedSolderTemperatureProfile FlowSoldering FlowSoldering ReflowSoldering 0 60-120 Preheat Solder Cool down 50 100 150 200 250 3-4 120 min. 130 to 150°C 220 to 250°C Seconds RecommendedSolderTemperatureProfile D A B Through hole .016 to .024 (0.4 to 0.6) Top view Bottom view Connects to top E C F Copper Resist Surface Mount EMI Filters Three Terminal Chips Soldering Specifications SM6 Board Pattern Dimensions in inches (mm) Board Pattern Dimensions in inches (mm) Body Dimension Style/Size AB C SF0603 0.020 0.047 0.031 (0.5) (1.2) (0.8) SF0805 0.024 0.059 0.039 (0.6) (1.5) (1.0) SF1205 0.051 0.091 0.047 (1.3) (2.3) (1.2) SF1806 0.079 0.138 0.051 (2.0) (3.5) (1.3) Body Dimension Style/Size AB C D E F SF0603 0.020 0.031 0.047 0.031 0.071 0.016 (0.5) (0.8) (1.2) (0.8) (1.8) (0.4) SF0805 0.024 0.031 0.059 0.039 0.087 0.024 (0.6) (0.8) (1.5) (1.0) (2.2) (0.6) SF1205 0.051 0.059 0.091 0.047 0.118 0.024 (1.3) (1.5) (2.3) (1.2) (3.0) (0.6) SF1806 0.059 0.079 0.138 0.051 0.118 0.024 (1.5) (1.5) (3.5) (1.3) (3.0) (0.6) |
Similar Part No. - SF0805Y221SANHB |
|
Similar Description - SF0805Y221SANHB |