Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH16245ADGG Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 74LVCH16245ADGG
Description  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVCH16245ADGG Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button 74LVCH16245ADGG Datasheet HTML 3Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 4Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 5Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 6Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 7Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 8Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 9Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 10Page - Integrated Circuit Systems 74LVCH16245ADGG Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2003 Nov 25
7
Philips Semiconductors
Product specification
16-bit bus transceiver with direction pin; 5 V tolerant;
3-state
74LVC16245A;
74LVCH16245A
handbook, halfpage
G3
G6
3EN1[BA]
6EN4[BA]
3EN2[AB]
6EN5[AB]
47
36
46
35
44
33
43
32
41
30
40
29
38
27
37
26
2
13
3
14
5
16
6
17
8
19
9
20
11
22
12
23
1A0
2A1
2A0
2A2
2A3
2A4
2A5
2A6
2A7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1OE
1DIR
MNA709
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
2B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
5
4
2
1
25
24
48
1
2OE
2DIR
Fig.4 Logic symbol (IEEE/IEC).
handbook, halfpage
to internal circuit
MNA705
VCC
data input
Fig.5 Bushold circuit.


Similar Part No. - 74LVCH16245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH16245ADGG PHILIPS-74LVCH16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74LVCH16245ADGG PHILIPS-74LVCH16245ADGG Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74LVCH16245ADGG NEXPERIA-74LVCH16245ADGG Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVCH16245ADGG-Q100 NEXPERIA-74LVCH16245ADGG-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Texas Instruments
74LVCH16245ADGGRG4 TI-74LVCH16245ADGGRG4 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCH16245ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com