Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9409WZ24I-2.7 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9409WZ24I-2.7
Description  Quad Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9409WZ24I-2.7 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9409WZ24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 9Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 10Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 11Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 12Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 13Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 14Page - Xicor Inc. X9409WZ24I-2.7 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X9409 – Preliminary Information
Characteristics subject to change without notice.
11 of 21
REV 1.6 1/30/03
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ....................–65°C to +135°C
Storage temperature .........................–65°C to +150°C
Voltage on SDA, SCL or any address
input with respect to VSS.........................–1V to +7V
∆ V = |VH – VL |........................................................ 5V
Lead temperature (soldering, 10 seconds).........300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Device
Supply Voltage (VCC) Limits
X9409
5V
±10%
X9409-2.7
2.7V to 5.5V
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
End to end resistance tolerance
±20
%
Power rating
15
mW
25°C, each pot @5V, 2.5K
IW
Wiper current
-3
+3
mA
RW
Wiper resistance
50
150
IW = ± 3mA, VCC = 3V to 5V
VTERM
Voltage on any VH/RH or VL/RL pin
VSS
VCC
VVSS = 0V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
1.6
%
Absolute linearity (1)
-1
+1
MI(3)
Vw(n)(actual)—Vw(n)(expected)
Relative linearity (2)
-0.2
+0.2
MI(3)
Vw(n + 1)—[Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/°C
Ratiometric temp. coefficient
20
ppm/°C
CH/CL/CW
Potentiometer capacitances
10/10/25
pF
See Macro Model
IAL
RH, RL, RW leakage current
0.1
10
µA
VIN = VSS to VCC. Device is
in stand-by mode.
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH—VL)/63, single pot


Similar Part No. - X9409WZ24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409WS24 INTERSIL-X9409WS24 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24-2.7 INTERSIL-X9409WS24-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24I INTERSIL-X9409WS24I Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24I-2.7 INTERSIL-X9409WS24I-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24I-2.7 INTERSIL-X9409WS24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
More results

Similar Description - X9409WZ24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com