Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6249 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG-BGA-6249
Description  Ball guide prevents over compression of elastomer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6249 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG-BGA-6249 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Side View
Top View
1.59mm
34.725mm
2.5mm
2.5mm
34.725mm
16mm (x4)
10mm Sqr.
1.27mm (x4)
29.725mm±0.025mm (x4)
6.35mm
Insulation Plate
Backing Plate
Note: Backing plate holes are tapped to accept 0-80 screws.
5mm
5.03mm
Ø 1.61mm±0.05mm (x4)
PAGE 4 of 5
Description: Backing Plate with Insulation Plate
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: J. Glab
Scale: 2:1
Rev: B
Date: 11/09/07
File: SG-BGA-6249 Dwg
SG-BGA-6249 Drawing
Modified: 5/19/09
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - SG-BGA-6249

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6240 IRONWOOD-SG-BGA-6240 Datasheet
94Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6241 IRONWOOD-SG-BGA-6241 Datasheet
214Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-6242 IRONWOOD-SG-BGA-6242 Datasheet
50Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6243 IRONWOOD-SG-BGA-6243 Datasheet
50Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6244 IRONWOOD-SG-BGA-6244 Datasheet
135Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6249

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com