Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D020 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D020
Description  Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D020 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC10D020 Datasheet HTML 4Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 9Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 10Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 11Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =VD =VDR = +3.0 VDC,VREF = 1.0 VDC, GAIN = OF = 0V, OS = 3.0V, VIN (ac
coupled) = FSR = 1.0 V
P-P,CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS =50Ω,trc =tfc < 4 ns, NOT offset corrected.
Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
HS2
Second Harmonic
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
−84
dB
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
−92
dB
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
−87
dB
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
−87
dB
HS3
Third Harmonic
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
−80
dB
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
−78
dB
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
−78
dB
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
−78
dB
SFDR
Spurious Free Dynamic Range
f
IN = 1.0 MHz, VIN = FSR −0.1 dB
76
dB
f
IN = 4.7 MHz, VIN = FSR −0.1 dB
75
dB
f
IN = 9.5 MHz, VIN = FSR −0.1 dB
75
dB
f
IN = 19.5 MHz, VIN = FSR −0.1 dB
74
dB
IMD
Intermodulation Distortion
f
IN1 < 4.9 MHz, VIN = FSR −6.1 dB
65
dB
f
IN2 < 5.1 MHz, VIN = FSR −6.1 dB
Overrange Output Code
(V
IN+−VIN−) > 1.1V
1023
Underrange Output Code
(V
IN+−VIN−) < −1.1V
0
FPBW
Full Power Bandwidth
140
MHz
INTER-CHANNEL CHARACTERISTICS
Crosstalk
1 MHz input to tested channel, 4.75 MHz input
to other channel
−90
dB
Channel - Channel Aperture Delay
Match
f
IN = 8 MHz
8.5
ps
Channel - Channel Gain Matching
0.03
%FS
REFERENCE AND ANALOG CHARACTERISTICS
V
IN
Analog Differential Input Range
Gain Pin = AGND
1
V
P-P
Gain Pin = V
A
2V
P-P
C
IN
Analog Input Capacitance (each
input)
Clock High
6
pF
Clock Low
3
pF
R
IN
Analog Differential Input
Resistance
27
k
V
REF
Reference Voltage
1.0
0.8
V(min)
1.5
V(max)
I
REF
Reference Input Current
<1µA
V
CMO
Common Mode Voltage Output
1 mA load to ground
(sourcing current)
1.5
1.35
V(min)
1.6
V(max)
TC
V
CMO
Common Mode Voltage
Temperature Coefficient
20
ppm/˚C
DIGITAL INPUT CHARACTERISTICS
V
IH
Logical “1” Input Voltage
V
D = +2.7V
2.0
V(min)
V
IL
Logical “0” Input Voltage
V
D = +3.6V
0.5
V(max)
I
IH
Logical “1” Input Current
V
IH =VD
<1µA
I
IL
Logical “0” Input Current
V
IL = DGND
>−1
µA
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Logical “1” Output Voltage
V
DR = +2.7V, IOUT = −0.5 mA
V
DR
−0.3V
V(min)
V
OL
Logical “0” Output Voltage
V
DR = +2.7V, IOUT = 1.6 mA
0.4
V(max)
www.national.com
8


Similar Part No. - ADC10D020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC10D020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com