Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5122 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5122
Description  8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5122 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5122 Datasheet HTML 2Page - Texas Instruments ADS5122 Datasheet HTML 3Page - Texas Instruments ADS5122 Datasheet HTML 4Page - Texas Instruments ADS5122 Datasheet HTML 5Page - Texas Instruments ADS5122 Datasheet HTML 6Page - Texas Instruments ADS5122 Datasheet HTML 7Page - Texas Instruments ADS5122 Datasheet HTML 8Page - Texas Instruments ADS5122 Datasheet HTML 9Page - Texas Instruments ADS5122 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADS5122
6
SBAS272B
www.ti.com
NAME
PINS
I/O
TERMINAL DESCRIPTION
D0A
V14
O
Bit 1, Channel A (LSB)
D1A
W14
O
Bit 2, Channel A
D2A
V13
O
Bit 3, Channel A
D3A
W13
O
Bit 4, Channel A
D4A
V12
O
Bit 5, Channel A
D5A
W12
O
Bit 6, Channel A
D6A
R11
O
Bit 7, Channel A
D7A
P11
O
Bit 8, Channel A
D8A
V11
O
Bit 9, Channel A
D9A
W11
O
Bit 10, Channel A (MSB)
D0B
V19
O
Bit 1, Channel B (LSB)
D1B
V18
O
Bit 2, Channel B
D2B
U17
O
Bit 3, Channel B
D3B
W18
O
Bit 4, Channel B
D4B
V17
O
Bit 5, Channel B
D5B
W17
O
Bit 6, Channel B
D6B
V16
O
Bit 7, Channel B
D7B
W16
O
Bit 8, Channel B
D8B
V15
O
Bit 9, Channel B
D9B
W15
O
Bit 10, Channel B (MSB)
D0C
P19
O
Bit 1, Channel C (LSB)
D1C
P18
O
Bit 2, Channel C
D2C
R19
O
Bit 3, Channel C
D3C
R18
O
Bit 4, Channel C
D4C
R17
O
Bit 5, Channel C
D5C
T19
O
Bit 6, Channel C
D6C
T18
O
Bit 7, Channel C
D7C
U19
O
Bit 8, Channel C
D8C
U18
O
Bit 9, Channel C
D9C
T17
O
Bit 10, Channel C (MSB)
D0D
K14
O
Bit 1, Channel D (LSB)
D1D
K15
O
Bit 2, Channel D
D2D
K18
O
Bit 3, Channel D
D3D
K19
O
Bit 4, Channel D
D4D
L18
O
Bit 5, Channel D
D5D
L19
O
Bit 6, Channel D
D6D
M19
O
Bit 7, Channel D
D7D
M18
O
Bit 8, Channel D
D8D
N19
O
Bit 9, Channel D
D9D
N18
O
Bit 10, Channel D (MSB)
DATA OUTPUT PINS
NAME
PINS
I/O
TERMINAL DESCRIPTION
D0E
F18
O
Bit 1, Channel E (LSB)
D1E
F19
O
Bit 2, Channel E
D2E
G18
O
Bit 3, Channel E
D3E
G19
O
Bit 4, Channel E
D4E
H18
O
Bit 5, Channel E
D5E
H19
O
Bit 6, Channel E
D6E
J15
O
Bit 7, Channel E
D7E
J17
O
Bit 8, Channel E
D8E
J18
O
Bit 9, Channel E
D9E
J19
O
Bit 10, Channel E (MSB)
D0F
A18
O
Bit 1, Channel F (LSB)
D1F
B18
O
Bit 2, Channel F
D2F
C17
O
Bit 3, Channel F
D3F
B19
O
Bit 4, Channel F
D4F
C18
O
Bit 5, Channel F
D5F
C19
O
Bit 6, Channel F
D6F
D18
O
Bit 7, Channel F
D7F
D19
O
Bit 8, Channel F
D8F
E18
O
Bit 9, Channel F
D9F
E19
O
Bit 10, Channel F (MSB)
D0G
A14
O
Bit 1, Channel G (LSB)
D1G
B14
O
Bit 2, Channel G
D2G
C14
O
Bit 3, Channel G
D3G
A15
O
Bit 4, Channel G
D4G
B15
O
Bit 5, Channel G
D5G
E14
O
Bit 6, Channel G
D6G
C15
O
Bit 7, Channel G
D7G
A16
O
Bit 8, Channel G
D8G
B16
O
Bit 9, Channel G
D9G
A17
O
Bit 10, Channel G (MSB)
D0H
C10
O
Bit 1, Channel H (LSB)
D1H
B10
O
Bit 2, Channel H
D2H
A10
O
Bit 3, Channel H
D3H
C11
O
Bit 4, Channel H
D4H
B11
O
Bit 5, Channel H
D5H
A11
O
Bit 6, Channel H
D6H
A12
O
Bit 7, Channel H
D7H
B12
O
Bit 8, Channel H
D8H
C12
O
Bit 9, Channel H
D9H
A13
O
Bit 10, Channel H (MSB)


Similar Part No. - ADS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5122 TI1-ADS5122 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122CGHK TI1-ADS5122CGHK Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122CZHK TI1-ADS5122CZHK Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com