Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8411IBPFBT Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8411IBPFBT
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8411IBPFBT Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS8411IBPFBT Datasheet HTML 2Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 3Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 4Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 5Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 6Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 7Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 8Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 9Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
TIMING CHARACTERISTICS
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
All specifications typical at –40
°C to 85°C, +VA = 5 V, +VBD = 3 V(1)(2)(3)
PARAMETER
MIN
TYP
MAX
UNIT
tCONV
Conversion time
340
400
ns
tACQ
Acquisition time
100
ns
tpd1
CONVST low to conversion started (BUSY high)
40
ns
tpd2
Propagation delay time, end of conversion to BUSY low
10
ns
tw1
Pulse duration, CONVST low
20
ns
tsu1
Setup time, CS low to CONVST low
0
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
Min(tACQ)
ns
tw4
Pulse duration, BUSY signal high
370
ns
Hold time, first data bus transition (RD low, or CS low for read cycle,
th1
40
ns
or BYTE input changes) after CONVST low
td1
Delay time, CS low to RD low (or BUSY low to RD low)
0
ns
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
30
ns
td2
Delay time, data hold from RD high
0
ns
td3
Delay time, BYTE rising edge or falling edge to data valid
2
30
ns
tw6
Pulse duration, RD high
20
ns
tw7
Pulse duration, CS high
20
ns
Hold time, last RD (or CS for read cycle ) rising edge to CONVST
th2
50
ns
falling edge
tsu3
Setup time, BYTE transition to RD falling edge
0
ns
th3
Hold time, BYTE transition to RD falling edge
0
ns
tdis
Disable time, RD high (CS high for read cycle) to 3-stated data bus
30
ns
td5
Delay time, end of conversion to MSB data valid
20
ns
Byte transition setup time, from BYTE transition to next BYTE
tsu4
50
ns
transition
td6
Delay time, CS rising edge to BUSY falling edge
50
ns
td7
Delay time, BUSY falling edge to CS rising edge
50
ns
Setup time, from the falling edge of CONVST (used to start the valid
conversion) to the next falling edge of CONVST (when CS = 0 and
tsu(AB)
70
350
ns
CONVST used to abort) or to the next falling edge of CS (when CS is
used to abort)
Setup time, falling edge of CONVST to read valid data (MSB) from
tsu5
MAX(tCONV) + MAX(td5)
ns
current conversion
Hold time, data (MSB) from previous conversion hold valid from
th4
MIN(tCONV)
ns
falling edge of CONVST
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagrams.
(3)
All timings are measured with 20 pF equivalent loads on all data bits and BUSY pins.
6


Similar Part No. - ADS8411IBPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411IBPFBT BURR-BROWN-ADS8411IBPFBT Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8411IBPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com