Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX1-5C3V3 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # BZX1-5C3V3
Description  1.5W SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

BZX1-5C3V3 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  BZX1-5C3V3 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. BZX1-5C3V3 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCTOR
BZX1 5C3V3 THRU BZX1 5C 200
..
1 5W SILICON PLANAR ZENER DIODES
.
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (T =25 C)
A
ELECTRICAL CHARACTERISTICS (T =25 C)
A
Case
Weight
: DO-41 glass case
: Approx. 0.35 gram
Zener current see table "Characteristics"
Ptot
VF
W
TSTG
Power dissipation at T =25 C
A
Junction temperature
Storage temperature range
1) Valid provided that a distance of 8mm from case is kept at ambient temperature
1) Valid provided that a distance of 8mm from case is kept at ambient temperature
Symbols
Symbols
Value
Typ
Max
Min
Units
Units
-65 to+175
C
C
V
TJ
175
15
.
1.2
1)
Forward voltage at I =200mA
F
High temperature soldering guaranteed 260
10 seconds at terminals
:℃/
Component in accordance to RoHS 2002 95 EC and WEEE 2002 96 EC
//
//
FEATURES
DO-41(GLASS)
Dimensions in inches and (millimeters)
1.00(25.4)
MIN.
0.034(0.86)
MAX
DIA.
0.107(2.7)
0.080(2.0)
DIA.
0.205(5.20)
0.161(4.10)
1.00(25.4)
MIN.
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
10-24


Similar Part No. - BZX1-5C3V3

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX1-5C3V3

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
SMA5921 JINGHENG-SMA5921 Datasheet
73Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Gude Electronic D...
SMBJ5913 JGD-SMBJ5913 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5946B JGD-SMBJ5946B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com