Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC7005GVAT Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC7005GVAT
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005GVAT Datasheet(HTML) 5 Page - Texas Instruments

  CDC7005GVAT Datasheet HTML 1Page - Texas Instruments CDC7005GVAT Datasheet HTML 2Page - Texas Instruments CDC7005GVAT Datasheet HTML 3Page - Texas Instruments CDC7005GVAT Datasheet HTML 4Page - Texas Instruments CDC7005GVAT Datasheet HTML 5Page - Texas Instruments CDC7005GVAT Datasheet HTML 6Page - Texas Instruments CDC7005GVAT Datasheet HTML 7Page - Texas Instruments CDC7005GVAT Datasheet HTML 8Page - Texas Instruments CDC7005GVAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685E − DECEMBER 2002 − REVISED NOVEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 1. Word 0
BIT
BIT NAME
DESCRIPTION / FUNCTION
TYPE
POWER-UP
CONDITION
PIN
AFFECTED
0
C0
Register selection
W
0
1
C1
Register selection
W
0
2
M0
Reference divider M bit 0
W
1
3
M1
Reference divider M bit 1
W
1
4
M2
Reference divider M bit 2
W
1
5
M3
Reference divider M bit 3
W
1
6
M4
Reference Divider M
Reference divider M bit 4
W
1
7
M5
Reference Divider M
Reference divider M bit 5
W
1
8
M6
Reference divider M bit 6
W
1
9
M7
Reference divider M bit 7
W
0
10
M8
Reference divider M bit 8
W
0
11
M9
Reference divider M bit 9
W
0
12
MD0
Reference delay M bit 0
W
0
13
MD1
Reference Delay M
Reference delay M bit 1
W
0
14
MD2
Reference Delay M
Reference delay M bit 2
W
0
15
PFD0
PFD pulse width PFD bit 0
W
0
A4
16
PFD1
PFD Pulse Width
PFD pulse width PFD bit 1
W
0
A4
17
PFD2
PFD Pulse Width
PFD pulse width PFD bit 2
W
0
A4
18
CP0
CP current setting bit 0
W
1
A4
19
CP1
CP Current
CP current setting bit 1
W
0
A4
20
CP2
CP Current
CP current setting bit 2
W
0
A4
21
CP3
CP current setting bit 3
W
1
A4
22
Y03St
Y0 3-state (1 = output enabled)
W
1
F1, G1
23
Y13St
Y1 3-state (1 = output enabled)
W
1
H2, H3
24
Y23St
Y2 3-state (1 = output enabled)
W
1
H4, H5
25
Y33St
Output 3-State
Y3 3-state (1 = output enabled)
W
1
H6, H7
26
Y43St
Output 3-State
Y4 3-state (1 = output enabled)
W
1
G8, F8
27
CP3St
CP 3-state (1 = output enabled)
W
1
A4
28
OP3St
OPA 3-state and disable (1 = OPA
enabled)
W
0
A7
29
MUXS0
MUXSEL select bit 0
W
1
30
MUXS1
MUXSEL
MUXSEL select bit 1
W
1
31
MUXS2
MUXSEL
MUXSEL select bit 2
W
0


Similar Part No. - CDC7005GVAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZ TI-CDC7005RGZ Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZR TI-CDC7005RGZR Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZRG4 TI-CDC7005RGZRG4 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
More results

Similar Description - CDC7005GVAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com