Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2900-EVM Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC2900-EVM
Description  Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2900-EVM Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC2900-EVM Datasheet HTML 4Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 5Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 6Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 7Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 8Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 9Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 10Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 11Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DAC2900
8
SBAS166B
TYPICAL CHARACTERISTICS (Cont.)
At TA = 25°C, +VA = +5V, +VD = +3.3V, differential output IOUTFS = 20mA, 50W double-terminated load, SFDR up to Nyquist, unless otherwise noted.
SINGLE-TONE SFDR
Frequency (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
4
8
12
16
20
0
f
CLOCK = 52MSPS
f
OUT = 5.23MHz
Amplitude = 0dBFS
SINGLE-TONE SFDR
Frequency (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
20
30
40
50
0
f
CLOCK = 100MSPS
f
OUT = 20.2MHz
Amplitude = 0dBFS
DUAL-TONE SFDR
Frequency (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
7.8
15.6
23.4
31.2
39.0
0
f
CLOCK = 78MSPS
f
OUT1 = 9.44MHz
f
OUT2 = 10.44MHz
Amplitude = 0dBFS
FOUR-TONE SFDR
Frequency (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
510
15
20
25
0
f
CLOCK = 50MSPS
f
OUT1 = 6.25MHz
f
OUT2 = 6.75MHz
f
OUT3 = 7.25MHz
f
OUT4 = 7.75MHz
Amplitude = 0dBFS


Similar Part No. - DAC2900-EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1K TI1-DAC2900Y/1K Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1KG4 TI1-DAC2900Y/1KG4 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250 TI1-DAC2900Y/250 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250G4 TI1-DAC2900Y/250G4 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC2900-EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com