Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS873 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74AS873
Description  Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS873 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74AS873 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Data
Any Q
3
6.5
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
Data
Any Q
3
6
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable
Any Q
6
11.5
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable
Any Q
4
7.5
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control
Any Q
2
6.5
ns
to HIGH Level Output
tPZL
Output Enable Time
Output Control
Any Q
4
9.5
ns
to LOW Level Output
tPHZ
Output Disable Time
Output Control
Any Q
2
6.5
ns
from HIGH Level Output
tPLZ
Output Disable Time
Output Control
Any Q
2
7.5
ns
from LOW Level Output
tPHL
Propagation Delay Time
Clear
Any Q
3
8.5
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74AS873

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
48Kb / 5P
   Dual 4-Bit D-Type Transparent Latches
DM74AS873NT FAIRCHILD-DM74AS873NT Datasheet
48Kb / 5P
   Dual 4-Bit D-Type Transparent Latches
More results

Similar Description - DM74AS873

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54AHCT16373 TI-SN54AHCT16373 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com