Electronic Components Datasheet Search |
|
60BK566-K090N1 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG |
|
60BK566-K090N1 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG |
2 / 2 page TECHNICAL DATA SHEET 7/16 SURGE ARRESTER BULKHEAD JACK - JACK 60BK566-KXXXN1 Rosenberger Hochfrequenztechnik GmbH & Co. KG Tel.: +49 8684 18-0 Page P.O.Box 1260 D-84526 Tittmoning Germany Fax: +49 8684 18-499 www.rosenberger.de email: info@rosenberger.de 2 / 2 Material and plating Connector parts Material Plating Center contact female side Spring bronze Silver, 3-6 µm Outer contact Brass Flash white bronze over silver(e.g. Optargen®) Body Brass Flash white bronze over silver(e.g. Optargen®) Dielectric PTFE Gasket Silicone Electrical data Impedance 50 Ω Operating frequency 1.7 MHz – 12 MHz, 698 to 2700 MHz Return Loss ≥ 14 dB, 1.7 to 12 MHz ≥ 26 dB, 698 to 2700 MHz Insertion Loss ≤ 1.0 dB, 1.7 to 12 MHz ≤ 0.1 dB, 698 to 2700 MHz Center contact resistance < 0.4 m Ω Outer contact resistance < 1.5 m Ω RF-leakage < -128 dB @ 1 GHz Intermodulation (3rd Order) < -115 dBm @ 2 x 20 W DC pass 20A @ 50V (90V gas capsule) AISG pass Nominal impulse discharge current 10 x 20 kA (8/20 µs) 1 x 30 kA (8/20 µs) Mechanical data Mating cycles min. 500 Center contact captivation: axial ≥ 200 N radial ≥ 2 Ncm Coupling torque (recommended) 25 to 30 Nm Proof torque max. 35 Nm Environmental data Temperature range -45°C to +85°C Rapid change of temperature DIN EN 122190, Sub-clause 4.6.7 Corrosion resistance DIN EN 122190, Sub-clause 4.6.10 Vibration DIN EN 122190, Sub-clause 4.6.3 Climatic category DIN EN 122190, Sub-clause 4.6.5 (45/85/56) Damp heat DIN EN 122190 , Sub-clause 4.6.6 Degree of protection (mated pair) IEC 60529, IP68 2.5 bar, mated condition RoHS compliant Weight Weight 452 g/pce Draft Date Approved Date Rev. Engineering change number Name Date Martin Wimmer 25/07/11 Wimmer 07.05.15 b00 15-0010 Markus Wallner 07.05.15 While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our products, we reserve the right to make changes judged to be necessary. |
Similar Part No. - 60BK566-K090N1 |
|
Similar Description - 60BK566-K090N1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |