Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 6Page - Dallas Semiconductor DS2196 Datasheet HTML 7Page - Dallas Semiconductor DS2196 Datasheet HTML 8Page - Dallas Semiconductor DS2196 Datasheet HTML 9Page - Dallas Semiconductor DS2196 Datasheet HTML 10Page - Dallas Semiconductor DS2196 Datasheet HTML 11Page - Dallas Semiconductor DS2196 Datasheet HTML 12Page - Dallas Semiconductor DS2196 Datasheet HTML 13Page - Dallas Semiconductor DS2196 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 157 page
background image
DS2196
10 of 157
2. PIN DESCRIPTION
Table 2-1. Pin Description Sorted by Pin Number
PIN
SYMBOL
TYPE
FUNCTION
1
PCLK
I
Protect Clock Input.
2
PNRZ
I
Protect NRZ Data Input.
3
WCLK
I
Working Clock Input.
4
WNRZ
I
Working NRZ Data Input.
5
JTMS
I
IEEE 1149.1 Test Mode Select.
6
JTCLK
I
IEEE 1149.1 Test Clock Signal.
7
JTRST*
I
IEEE 1149.1 Test Reset.
8
JTDI
I
IEEE 1149.1 Test Data Input.
9
JTDO
O
IEEE 1149.1 Test Data Output.
10
RCL
O
Receive LIU Carrier Loss.
11
LNRZ
O
LIU NRZ & Positive Data Output.
12
LCLK
O
LIU Clock Output.
13
LFSYNC
O
LIU Frame Sync Pulse & Negative Data Output.
14
RPOSLO
O
Receive Positive & NRZ Data Output from the LIU.
15
RNEGLO
O
Receive Negative & NRZ Data Output from the LIU.
16
RCLKLO
O
Receive Clock Output from the LIU.
17
BTS
I
Bus Type Select. 0 = Intel / 1 = Motorola.
18
RTIP
I
Receive Analog Tip Input.
19
RRING
I
Receive Analog Ring Input.
20
RVDD
Receive Analog Positive Supply. 3.3V (±5%).
21
RVSS
Receive Analog Signal Ground.
22
INT*
O
Interrupt. Open Drain. Active Low Signal.
23
RVSS
Receive Analog Signal Ground.
24
MCLK
I
Master Clock Input. 1.544 MHz (±50 ppm).
25
UOP3
O
User Defined Output Port Bit 3.
26
UOP2
O
User Defined Output Port Bit 2.
27
UOP1
O
User Defined Output Port Bit 1.
28
UOP0
O
User Defined Output Port Bit 0.
29
TTIP
O
Transmit Analog Tip Output.
30
TVSS
Transmit Analog Signal Ground.
31
TVDD
Transmit Analog Positive Supply. 3.3V (±5%).
32
TRING
O
Transmit Analog Ring Output.
33
TPOSLI
I
Transmit Positive & NRZ Data for the LIU.
34
TNEGLI
I
Transmit Negative & NRZ Data for the LIU.
35
TCLKLI
I
Transmit Clock Input for the LIU.
36
TCHBLKB/
TLINKB
I/O
Transmit Channel Blocking Clock Output from Formatter B /
Transmit FDL Link Data Input for Formatter B.
37
TCHCLKB/
TLCLKB
O
Transmit DS0 Channel Clock Output from Formatter B /
Transmit FDL Link Clock Output from Formatter B.
38
TSYNCB
I/O
Transmit Frame & Multiframe Pulse for/from Formatter B.
39
TCLKB
I
Transmit Clock Input for Formatter B.
40
TSERB
I
Transmit Serial Data Input for Formatter B.
41
TPOSOB/
TNRZB
O
Transmit Positive Data Output from Formatter B /
Transmit NRZ Data Output from Formatter B.
42
TNEGOB /
TFSYNCB
O
Transmit Negative Data Output from Formatter B /
Transmit Frame Sync Pulse Output from Formatter B.


Similar Part No. - DS2196

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DS2196 PULSE-DS2196 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
More results

Similar Description - DS2196

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Exar Corporation
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86SH328 EXAR-XRT86SH328_3 Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86L30 EXAR-XRT86L30_07 Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30_08 Datasheet
1Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30 Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com