Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60S1D7-C07N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60S1D7-C07N1
Description  STRAIGHT PLUG (1-5/8?쒽)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60S1D7-C07N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60S1D7-C07N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60S1D7-C07N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
7-16
STRAIGHT PLUG
(1-5/8”R)
60S1D7-C07N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG, Germany
Tel.: +49 8684 18-0
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
Rosenberger Asia Pacific Electronic Co., Ltd., China
Tel.: +86 10 80481995
Fax: +86 10 80497052
www.rosenbergerap.com
email:info@rosenbergerap.com
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-4, VG 95250, EN 122190, DIN 47223
Documents
Assembly instruction
MA_60I44
Material and plating
Connector parts
Material
Plating
Center contact
Brass
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Nickel, 2.5-5 µm
Dielectric
TPX
Gasket
Silicone&EPDM
Coupling nut
Brass
Nickel, 2.5-5 µm


Similar Part No. - 60S1D7-C07N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S1D7-C06N1 ROSENBERGER-60S1D7-C06N1 Datasheet
135Kb / 2P
   STRAIGHT PLUG (1-1/4?쇺?R)
More results

Similar Description - 60S1D7-C07N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60K1D7-C07N1 ROSENBERGER-60K1D7-C07N1 Datasheet
112Kb / 2P
   STRAIGHT JACK(1-5/8?쒽)
SLFS001-C06N ROSENBERGER-SLFS001-C06N Datasheet
86Kb / 2P
   FIBER SEAL (1 1/4?쒽)
SLFS001-C05N ROSENBERGER-SLFS001-C05N Datasheet
79Kb / 2P
   FIBER SEAL (7/8?쒽)
logo
PHOENIX CONTACT
3030377 PHOENIX-3030377 Datasheet
46Kb / 2P
   Plug-in bridge - FBS 1/5/8-6
3030371 PHOENIX-3030371 Datasheet
39Kb / 1P
   Plug-in bridge - FBS 1/2/8-5
3030396 PHOENIX-3030396 Datasheet
55Kb / 2P
   Plug-in bridge - FBS 1/3/5/7-8
logo
WAGO Kontakttechnik Gmb...
787-6716-9500-000 WAGO-787-6716-9500-000 Datasheet
232Kb / 3P
   Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, straight
787-6716-9400-000 WAGO-787-6716-9400-000 Datasheet
272Kb / 3P
   Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, straight
logo
Amphenol Corporation
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
   Straight Plug, 8 Pos
logo
Bel Fuse Inc.
943-SP-370808SM2-A217 BEL-943-SP-370808SM2-A217 Datasheet
102Kb / 1P
   CAT 5 8 X 8 SHIELDED PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com