Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD69273-30NF Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CMD69273-30NF
Description  698節?60 MHz/1710節?700 MHz 2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CMD69273-30NF Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CMD69273-30NF Datasheet HTML 1Page - Laird Tech Smart Technology CMD69273-30NF Datasheet HTML 2Page - Laird Tech Smart Technology CMD69273-30NF Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMD69273
698
~960 MHz/1710~2700 MHz 2 ポート
MIMO
天井取り付け型アンテナ
パターン
750 MHz
放射パターン
869 MHz
放射パターン
915 MHz
放射パターン
1780 MHz
放射パターン


Similar Part No. - CMD69273-30NF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD6951 CML-CMD6951 Datasheet
65Kb / 1P
   T-1 3/4 High Contrast LED Lamps
More results

Similar Description - CMD69273-30NF

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
   698~960 MHz /1710~2700 MHz Band RF Application
RFDIP2012090GET WALSIN-RFDIP2012090GET Datasheet
579Kb / 7P
   698~960 MHz & 1710~2690 MHz Band RF Application
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
   698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070G1T WALSIN-RFDIP1608070G1T Datasheet
679Kb / 7P
   700~960 MHz /1710~2690 MHz Working Frequency
RFDIP1608070G17N3T WALSIN-RFDIP1608070G17N3T Datasheet
680Kb / 7P
   700~960 MHz /1710~2690 MHz Working Frequency
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
logo
TE Connectivity Ltd
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com