Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES58-17 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # ES58-17
Description  Low end loading and low visual impact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ES58-17 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  ES58-17 Datasheet HTML 1Page - Laird Tech Smart Technology ES58-17 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
ANT-DS-ES58-170611
AnyinformationfurnishedbyLairdTechnologies,Inc.anditsagentsisbelievedtobeaccurateandreliable.Allspecificationsaresubjecttochangewithoutnotice.Responsibilityfortheuseand
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the
fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of
anykind.AllLairdTechnologiesproductsaresoldpursuanttotheLairdTechnologies’TermsandConditionsofsaleineffectfromtimetotime,acopyofwhichwillbefurnisheduponrequest.©
Copyright2011LairdTechnologies,Inc.AllRightsReserved.Laird,LairdTechnologies,theLairdTechnologiesLogo,andothermarksaretrademarksorregisteredtrademarksofLairdTechnologies,
Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual
property rights.
PARAMETER
Frequency range
5725-5850MHz
Gain
17dBi
Horizontal beamwidth
25°
Vertical beamwidth
25°
Front to back
30dB
Inputreturnloss(S11)
-14dB
VSWR
1.5:1
Impedance
50ohm
Input power
50watts
Operating temperature
-40°to+70°C
Polediameter(OD)
1to2in(25to51mm)
Weight
20oz(467g)
Dimension(diameter)
10x2.5in(254x63mm)
Bracket tilt
45°
SPECIFICATIONS
Echo Series® Directional Antenna
ES58-17
SYSTEM ORDERING
ES58-17
5GHzwideband17dBiechoseries® directional antenna
NOTES
• AllshipmentsF.O.B.Schaumburg,IL60173


Similar Part No. - ES58-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES58-17 ETC2-ES58-17 Datasheet
1Mb / 12P
   Client Side Antennas
More results

Similar Description - ES58-17

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
GD24 LSTD-GD24 Datasheet
1Mb / 2P
   Ultra low wind loading and low visual impact
GD35 LSTD-GD35 Datasheet
1Mb / 2P
   Ultra low wind loading and low visual impact
logo
List of Unclassifed Man...
034B ETC2-034B Datasheet
325Kb / 2P
   Compact design for minimum visual impact
logo
Laird Tech Smart Techno...
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
   Stainless steel construction, low wind loading
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
   Low wind loading patented wire grid design
logo
Analog Devices
ADIS16240 AD-ADIS16240 Datasheet
447Kb / 16P
   Low Power, Programmable Impact Sensor and Recorder
REV. 0
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Texas Instruments
5962-85155052A TI-5962-85155052A Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
logo
AVX Corporation
VC06AG18120YAT1A AVX-VC06AG18120YAT1A Datasheet
130Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for Antennas and Low Capacitor Loading Applications
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com