Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7031MTF Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7031MTF
Description  2W Stereo Power Amplifier with Four Selectable Gain Setting and Headphone Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7031MTF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7031MTF Datasheet HTML 1Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 2Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 3Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 4Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 5Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 6Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 7Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 8Page - Fairchild Semiconductor FAN7031MTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FAN7031
3
Pin Assignments
Pin Description
* All GND is internally tied together.
** For the best performance, VDD, PVDD1 and PVDD2 must be the same voltage level(strongly recommend).
Pin No
Symbol
I/O
Decription
1*
GND
-
Ground
2
G0
I
Gain Selection Input(MSB)
3
G1
I
Gain Selection Input(LSB)
4
LOUT+
O
Left Channel (+) Output
5
LIN-
I
Left Channel (-) Input
6**
PVDD2
I
Left Channel Power Supply Voltage
7
RIN+
I
Right Channel (+) Input
8
LOUT-
O
Left Channel (-) Output
9
LIN+
I
Left Channel (+) Input
10
BYPASS
O
Bypass Capacitor Connect
11*
GND
-
Ground
12
SE/BTL
I
Single-Ended & BTL Selection:
GND
≤ SE/BTL ≤ VDD/2:BTL Mode
VDD/2 < SE/BTL
≤ VDD: SE Mode
13
NC
-
No Connection
14
ROUT-
O
Right Channel (-) Output
15**
PVDD1
I
Right Channel Power Supply Voltage
16**
VDD
I
Power Supply Voltage
17
RIN-
I
Right Channel (-) Input
18
ROUT+
O
Right Channel (+) Output
19
SD
I
Shutdown Logic Low
SD=VDD: Chip Enable
SD=GND: Chip Shutdown
20*
GND
-
Ground
GND
G0
G1
LOUT+
LIN-
PVDD2
RIN+
LOUT-
LIN+
BYPASS
GND
SD
ROUT+
RIN-
VDD
PVDD1
ROUT-
NC
SE/BTL
GND
Heat Sink
1
10
11
20


Similar Part No. - FAN7031MTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7033MP FAIRCHILD-FAN7033MP Datasheet
418Kb / 20P
   2W Stereo Power Amplifier with Fixed Gain
More results

Similar Description - FAN7031MTF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2051 ANPEC-APA2051 Datasheet
793Kb / 32P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057A ANPEC-APA2057A Datasheet
894Kb / 31P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057A ANPEC-APA2057A_09 Datasheet
831Kb / 34P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com