Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDW2515NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

Part No. FDW2515NZ
Description  Common Drain N-Channel 2.5V specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDW2515NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
FDW2515NZ Rev C
Typical Characteristics
0
2
4
6
8
10
0
5
10
15
20
Qg, GATE CHARGE (nC)
ID = 5.8A
VDS = 5V
15V
10V
0
300
600
900
1200
0
4
8
121620
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 4.5V
SINGLE PULSE
RθJA = 114
oC/W
TA = 25
oC
10ms
1ms
100us
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 114°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA =114 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn