Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100H-2448SRW Datasheet(PDF) 9 Page - Recom International Power

Part # RP100H-2448SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100H-2448SRW Datasheet(HTML) 9 Page - Recom International Power

Back Button RP100H-2448SRW Datasheet HTML 5Page - Recom International Power RP100H-2448SRW Datasheet HTML 6Page - Recom International Power RP100H-2448SRW Datasheet HTML 7Page - Recom International Power RP100H-2448SRW Datasheet HTML 8Page - Recom International Power RP100H-2448SRW Datasheet HTML 9Page - Recom International Power RP100H-2448SRW Datasheet HTML 10Page - Recom International Power RP100H-2448SRW Datasheet HTML 11Page - Recom International Power RP100H-2448SRW Datasheet HTML 12Page - Recom International Power RP100H-2448SRW Datasheet HTML 13Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DC/DC Converter
PB-9
REV.: 1/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP100H-RW
Series
-40
60
67
80
100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
natural convection
0.5m/s
1m/s
1.5m/s
2m/s
2.5m/s
-40
60
80
100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
0.5m/s
1m/s
1.5m/s
2m/s
2.5m/s
RP100H-2405SRW
RP100H-2405SRW-HC
Derating Graph(5)
(@ Chamber - tested with forced convection)
Notes:
Note5: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
-40
60
80
100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
0.5m/s
1m/s
1.5m/s
2m/s
2.5m/s
-40
60
50
80
100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
natural convection
0.5m/s
1m/s
1.5m/s
2m/s
2.5m/s
RP100H-11005SRW
RP100H-11005SRW-HC
-40
60
80
100 120
40
65
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
0.5m/s
1m/s
1.5m/s
2m/s
2.5m/s
-40
60
71
80
100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
natural convection
0.5m/s
1m/s
1.5m/s
2m/s
2.5m/s
RP100H-4805SRW
RP100H-4805SRW-HC


Similar Part No. - RP100H-2448SRW

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP100 DEC-RP100 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Recom International Pow...
RP100-4805S RECOM-RP100-4805S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805S RECOM-RP100-4805S Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805SB RECOM-RP100-4805SB Datasheet
96Kb / 4P
   100 Watt Single Output
RP100-4805SN RECOM-RP100-4805SN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results

Similar Description - RP100H-2448SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com