Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100H-11015SRW Datasheet(PDF) 3 Page - Recom International Power

Part # RP100H-11015SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100H-11015SRW Datasheet(HTML) 3 Page - Recom International Power

  RP100H-11015SRW Datasheet HTML 1Page - Recom International Power RP100H-11015SRW Datasheet HTML 2Page - Recom International Power RP100H-11015SRW Datasheet HTML 3Page - Recom International Power RP100H-11015SRW Datasheet HTML 4Page - Recom International Power RP100H-11015SRW Datasheet HTML 5Page - Recom International Power RP100H-11015SRW Datasheet HTML 6Page - Recom International Power RP100H-11015SRW Datasheet HTML 7Page - Recom International Power RP100H-11015SRW Datasheet HTML 8Page - Recom International Power RP100H-11015SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DC/DC Converter
PB-3
REV.: 1/2016
www.recom-power.com
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
RP100H-RW
Series
continued on next page
Typical Output Ripple and Noise/full load
9Vin
24Vin
36Vin
Output Current [%]
10
0
3
6
9
12
15
18
20
30
40
50
60
70
80
90
100
RP100H-2405SRW
RP100H-4805SRW
Efficiency vs. Input Voltage
16.5Vin
48Vin
75Vin
Output Current [%]
10
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
30
50
70
90
100% Load
50% Load
25% Load
Input Voltage [V]
16.5
10
60
70
80
24
20
36
40
48
60
72
75
100
30
30
42
50
54
66
90
Efficiency vs. Output Current
Power Dissipation vs. Output Current
Power up Start-up Characteristic
ON/OFF Control Start-up Rise Characteristic


Similar Part No. - RP100H-11015SRW

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP100 DEC-RP100 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Recom International Pow...
RP100-4805S RECOM-RP100-4805S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805S RECOM-RP100-4805S Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-4805SB RECOM-RP100-4805SB Datasheet
96Kb / 4P
   100 Watt Single Output
RP100-4805SN RECOM-RP100-4805SN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results

Similar Description - RP100H-11015SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com