Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-679532-0 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 1-679532-0
Description  AMP-O-LECTRIC Model G II
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-679532-0 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 1-679532-0 Datasheet HTML 3Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 4Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 5Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 6Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 7Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 8Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 9Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 10Page - TE Connectivity Ltd 1-679532-0 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
409-32035
Rev C
7 of 20
2.3. Machine Guard
A two-piece guard is installed to provide protection for the operator while maintaining proper visibility of the
work area. The guard swings open to allow easy access for applicator installation and setup. A safety switch on
the guard prevents machine operation if the guard door is open.
3. RECEIVING INSPECTION AND INSTALLATION
3.1. Receiving Inspection
These machines are thoroughly inspected during and after assembly. A final series of inspections is made to
insure the proper machine functioning before packaging and shipping.
To protect against damage that may have occurred during shipment, remove the machine from the crate
(Paragraph 3.2.) and carefully inspect the machine for damage. If damage is evident, file a claim against the
carrier and notify TE immediately.
3.2. Installation
Remove all mounting bolts securing the machine to the shipping pallet. The lift point of the machine is
accessible from the top of the machine cover. Install lift ring (see Figure 7) on top of the machine.
NOTE
Lift ring (M12 x 20 eye bolt) is customer supplied (Ref TE PN 1428156-1).
Lift point for equipment.
CAUTION
Install the lift ring carefully. A 19.05-mm [.75-in.] thread length engagement is required for the lift ring to support the machine.
Attach a suitable hoist to the lift ring, lift the machine, and place it in the selected operating location.
Insert the reel support post into the appropriate hole on top of the machine until the roll pin engages a groove in
the machine frame.
Figure 7
Attach the terminal strip guide included with the machine with the two thumbscrews supplied. Mount the guide
on the left guard for side-feed applicators. Mount the guide on the right guard for end-feed applicators.
Connect the power cord to a suitable electrical supply.
NOTE
The machine will automatically detect the supply voltage and adjust the controller accordingly.
Lift Ring Location


Similar Part No. - 1-679532-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-6 TEC-1-6 Datasheet
235Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1-6 TEC-1-6 Datasheet
189Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1-6 TEC-1-6 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-601967-1 MACOM-1-601967-1 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
1-601967-5 MACOM-1-601967-5 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
More results

Similar Description - 1-679532-0

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
   V O L T A G E M O D E P W M C O N T R O L C II R C U II T
logo
Magnetrol International...
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
logo
Weidmuller
0205400000 WEIDMULLER-0205400000 Datasheet
493Kb / 1P
   SAKG 28 III SAKG 32 II SAKG 32 III SAKG 32 II G SAKG 32 I SAKG 28 II G
logo
Toshiba Semiconductor
TA8553FN TOSHIBA-TA8553FN Datasheet
421Kb / 12P
   G-FORCE SENSOR AMP IC
logo
RFE international
1N4001G RFE-1N4001G Datasheet
573Kb / 2P
   GENERAL PURPOSE RECTIFIER 1IN4001(G) Thru 1N4007(G) 1.0 Amp
2014.04.01
logo
National Semiconductor ...
LMV921_QUAL NSC-LMV921_QUAL Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
logo
E-Tech Electronics LTD
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com