Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1616081-4 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 1616081-4
Description  HARTMAN Power Switching DC Contactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1616081-4 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  1616081-4 Datasheet HTML 1Page - TE Connectivity Ltd 1616081-4 Datasheet HTML 2Page - TE Connectivity Ltd 1616081-4 Datasheet HTML 3Page - TE Connectivity Ltd 1616081-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6–84
HARTMAN Power Switching DC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
A1077 Series, Rated up to 230 Amps, 28 Vdc
Product Facts
n Gasket Sealed
n Auxiliary contacts available
n Meets many requirements
of MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement —
SPST NO, Double Break or
SPDT Double Break
Rated Operating Voltage —
28 Vdc
Resistive Rating — 230 Amps
Inrush Rating — 600 Amps
General Characteristics
Temperature Range —
-55°C to +71°C
Operating Cycles (Life) at Rated
Resistive Load, Min. — 50,000
cycles
Operating Cycles (Life)
Mechanical, Min. — 100,000 cycles
Dielectric Strength —
All Circuits to Ground — 1,250 Vrms
Circuit to Circuit — 1,250 Vrms
Coil to Ground and Aux. Contacts —
1,000 Vrms
Weight — 1.90 lbs
Coil Characteristics
Duty Cycle — Continuous
Operating Voltage, Max. —
30 Vdc
Operating Voltage, Nom. —
24 Vdc
Pickup Voltage @ 25°C, Max. —
16.5 Vdc
Dropout Voltage — 0.5 to 7 Vdc
Circuit Configuration 1
Mounting Style A
Circuit Configurations (Consult factory for other available circuit
configurations)
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
A-1077B
Gasket Sealed
A
Continuous
1
1616081-1
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - 1616081-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1616002-5 TEC-1616002-5 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
1616028-1 TEC-1616028-1 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
1616028-2 TEC-1616028-2 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
1616028-3 TEC-1616028-3 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
1616058-1 TEC-1616058-1 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
More results

Similar Description - 1616081-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A-703 TEC-A-703 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
B-138 TEC-B-138 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
logo
List of Unclassifed Man...
124-105111 ETC2-124-105111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
Tyco Electronics
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com