Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLY10.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # MLY10.241
Description  DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

MLY10.241 Datasheet(HTML) 5 Page - PULS GmbH

  MLY10.241 Datasheet HTML 1Page - PULS GmbH MLY10.241 Datasheet HTML 2Page - PULS GmbH MLY10.241 Datasheet HTML 3Page - PULS GmbH MLY10.241 Datasheet HTML 4Page - PULS GmbH MLY10.241 Datasheet HTML 5Page - PULS GmbH MLY10.241 Datasheet HTML 6Page - PULS GmbH MLY10.241 Datasheet HTML 7Page - PULS GmbH MLY10.241 Datasheet HTML 8Page - PULS GmbH MLY10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MLY10.241
MiniLine-2
MLY-Series
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
Fig. 3-2 Input to output voltage drop when both inputs draw current
(typical 1+1 redundant case, when the output voltages of the two units are equal or set into “parallel use” mode)
Voltage Drop, typ.
0A
2A
4A
8A
200mV
400mV
600mV
800mV
1000mV
10A
6A
Input, Output Current
0mV
Output:
2x2A
2x1A
Input:
2x4A
2x3A
0A
2x5A
A... 25°C
B... 60°C
A
B
V
A
QS5.241
24V,5A
+
-
QS5.241
24V,5A
+
-
V
A
I1
I2
U1
U2
I1
I2
=
U2
U1 =
Voltage Drop
U1
=
UOUT
-
Output
A
V
IOUT
UOUT
Variable
Load,
0-10A
MLY10.241
Input 1
Input 2
Output
Fig. 3-3 Input to output voltage drop when only one input draws current
Voltage Drop
U1
=
UOUT
-
Not used or
power supply
with lower
voltage
V
A
QS10.241
24V,10A
+
-
I1
U1
Output
A
V
IOUT
UOUT
Variable
Load,
0-10A
Input 1
Input 2
Output
MLY10.241
Voltage Drop, typ.
0A
2A
4A
8A
200mV
400mV
600mV
800mV
1000mV
10A
6A
Output Current
0mV
A... 25°C
B... 60°C
A
B
4. POWER LOSSES
DC 24V
Power losses
typ.
4.0W
input: 2x2.5A
typ.
4.5W
input: 1x5A
typ.
9.0W
input: 2x5A
Standby power losses
typ.
0W
at no output current
Fig. 4-1 Power losses
Power Losses, typ.
0A
2A
4A
8A
2W
4W
6W
8W
10W
10A
6A
Input, Output Current
0
Output:
2x2A
2x1A
Input:
2x4A
2x3A
0A
2x5A
A... 25°C
B... 60°C
A
B
Apr. 2014 / Rev. 1.5 DS-MLY10.241-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
5/16


Similar Part No. - MLY10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY02.100 PULS-MLY02.100 Datasheet
461Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
More results

Similar Description - MLY10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY02.100 PULS-MLY02.100 Datasheet
461Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
   12-28V, 20A, DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com