Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90545G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90545G
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90545G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90545G Datasheet HTML 6Page - Fujitsu Component Limited. MB90545G Datasheet HTML 7Page - Fujitsu Component Limited. MB90545G Datasheet HTML 8Page - Fujitsu Component Limited. MB90545G Datasheet HTML 9Page - Fujitsu Component Limited. MB90545G Datasheet HTML 10Page - Fujitsu Component Limited. MB90545G Datasheet HTML 11Page - Fujitsu Component Limited. MB90545G Datasheet HTML 12Page - Fujitsu Component Limited. MB90545G Datasheet HTML 13Page - Fujitsu Component Limited. MB90545G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
MB90540/540G/545/545G Series
10
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*2
QFP*1
11
13
P33
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode, external bus 8-bit mode or
when WRH pin output is disabled.
WRH
Write strobe output pin for the 8 higher bits of the data bus.
This function is enabled when the external bus is enabled,
when the external bus 16-bit mode is selected, and when the
WRH output pin is enabled.
12
14
P34
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode or when the hold function is
disabled.
HRQ
Hold request input pin. This function is enabled when both the
external bus and the hold functions are enabled.
13
15
P35
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode or when the hold function is
disabled.
HAK
Hold acknowledge output pin. This function is enabled when
both the external bus and the hold functions are enabled.
14
16
P36
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode or when the external ready
function is disabled.
RDY
Ready input pin. This function is enabled when both the
external bus and the external ready functions are enabled.
15
17
P37
H
General I/O port with programmable pullup. This function is
enabled in the single-chip mode or when the CLK output is dis-
abled.
CLK
CLK output pin. This function is enabled when both the
external bus and CLK outputs are enabled.
16
18
P40
G
General I/O port. This function is enabled when UART0
disables the serial data output.
SOT0
Serial data output pin for UART0. This function is enabled
when UART0 enables the serial data output.
17
19
P41
G
General I/O port. This function is enabled when UART0
disables serial clock output.
SCK0
Serial clock I/O pin for UART0. This function is enabled when
UART0 enables the serial clock output.
18
20
P42
G
General I/O port. This function is always enabled.
SIN0
Serial data input pin for UART0. Set the corresponding Port
Direction Register to input if this function is used.
19
21
P43
G
General I/O port. This function is always enabled.
SIN1
Serial data input pin for UART1. Set the corresponding Port
Direction Register to input if this function is used.


Similar Part No. - MB90545G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90543GPF CYPRESS-MB90543GPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90543GPMC CYPRESS-MB90543GPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90543GSPF CYPRESS-MB90543GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90543GSPMC CYPRESS-MB90543GSPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90547GPF CYPRESS-MB90547GPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90545G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com