Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS889834AKT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS889834AKT
Description  LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889834AKT Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS889834AKT Datasheet HTML 1Page - Integrated Circuit Systems ICS889834AKT Datasheet HTML 2Page - Integrated Circuit Systems ICS889834AKT Datasheet HTML 3Page - Integrated Circuit Systems ICS889834AKT Datasheet HTML 4Page - Integrated Circuit Systems ICS889834AKT Datasheet HTML 5Page - Integrated Circuit Systems ICS889834AKT Datasheet HTML 6Page - Integrated Circuit Systems ICS889834AKT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.icst.com/products/hiperclocks.html
Aug 02, 2002
7
Integrated
Circuit
Systems, Inc.
HiPerClockS™ Application Note
3.3V LVPECL DRIVER TERMINATION
TL1
Zo = 50
Td
R4
>1K
C1
R3
>1K
C2
Receiver
nTL1
Zo = 50
Td
3v3 PECL Driver
U1
R5
100
R3
100-180
R4
100-180
VCCO=3.3V
VBB
Figure 11 AC coupled for the receiver with built-in bias circuit


Similar Part No. - ICS889834AKT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889834 ICST-ICS889834 Datasheet
70Kb / 7P
   3.3V LVPECL DRIVER TERMINATION
More results

Similar Description - ICS889834AKT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
8S89834I IDT-8S89834I Datasheet
315Kb / 18P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to- LVPECL/ECL Clock Multiplexer
logo
Renesas Technology Corp
8S89834I RENESAS-8S89834I Datasheet
649Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-toLVPECL/ECL Clock Multiplexer
September 22, 2017
logo
Integrated Device Techn...
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
   Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
   Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
   Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com