Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-BGA144R-01 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SS-BGA144R-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA144R-01 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SS-BGA144R-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA144R-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA144R-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA144R-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Insulation Plate
Backing Plate
1.59mm
4.00mm
17.73mm
2.50mm
2.50mm
12.725mm±0.025mm (x4)
4.00mm sqr.
7.94mm
2.00mm
4.00mm
Ø 1.61mm±0.05mm (x4)
1.27mm (x4)
17.73mm
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
PAGE 4 of 4
Side View
Top View
Description: Backing Plate with Insulation Plate
Status: Released
Drawing: J. Glab
Scale: 3:1
Rev: A
Date: 02/19/08
Modified:
File: SS-BGA144R-01 Dwg
SS-BGA144R-01 Drawing
© 2008 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - SS-BGA144R-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA100K-01 IRONWOOD-SS-BGA100K-01 Datasheet
87Kb / 4P
   Compression plate distributes forces evenly
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
SS-BGA1156A-01 IRONWOOD-SS-BGA1156A-01 Datasheet
315Kb / 5P
   Compression plate distributes evenly
SS-BGA1156A-02 IRONWOOD-SS-BGA1156A-02 Datasheet
193Kb / 4P
   Minimum real estate required
SS-BGA1294A-01 IRONWOOD-SS-BGA1294A-01 Datasheet
808Kb / 7P
   Excellent signal integrity at high frequencies
More results

Similar Description - SS-BGA144R-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com