Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-BGA225G-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SS-BGA225G-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA225G-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-BGA225G-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA225G-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA225G-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA225G-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Non plated mounting hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm (x4)
1.25mm±0.13mm (x4)
5.080mm
16.600mm±0.125mm (x4)
13.725mm (x4)
2.540mm
Ø 0.36mm pad
2.3125mm
9.10mm
*2.5625mm
0.65mm typ.
Ø 0.850mm±0.025mm (x2)
9.10mm
18.73mm sqr.
backing plate outline
Ø 1.75mm±0.05mm(x4)
16.11mm
19.61mm
17.62mm
16.49mm
Socket Base Outline
PAGE 2 of 4
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical with respect to
the mounting holes. It is
offset 0.25mm to the right
of center.
All dimensions are in mm.
Status: Released
Drawing: A. Evans
Scale: 1.25:1
Rev: A
Date: 6/16/08
File: S S-BGA 225G -01 Dwg
SS-BGA225G-01 Drawing
Modified:
© 2008 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - SS-BGA225G-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA255B-01 IRONWOOD-SS-BGA255B-01 Datasheet
111Kb / 4P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA260A-01 IRONWOOD-SS-BGA260A-01 Datasheet
112Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
More results

Similar Description - SS-BGA225G-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com