Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-BGA324E-01 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SS-BGA324E-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA324E-01 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SS-BGA324E-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA324E-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA324E-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA324E-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 of 4
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale:
Rev: B
Date: 5/14/04
Modified: 1/21/05
File: SS-BGA324E-01 Dwg
SS-BGA324E-01 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
D
E
Y
X
Ø0.25
Ø0.10
Z X Y
Øb
3
TOP VIEW
SIDE VIEW
3
4
5
Dimensions are in millimeters.
Interpret dimensions and toleraces per ASME
Y14.5M-1994.
Dimension b is measured at the maximum
solder ball diameter, parallel to datum plame Z.
Datum Z (seating plane) is defined by the
spherical crowns of the solder balls.
Parallelism measurement shall exclude any
effect of mark on top surface of package.
1.
2.
Co mpatible BGA Spec
0.20
BOTTOM VIEW
DIM
MIN
MAX
A
3.5
A1
0.5
0.7
b
0.90
D
E
e
27.00 BSC
27.00 BSC
1.27 BSC
e
20x20 Array
DETAIL
A
A1
DETAIL
0.2 Z
Z
0.20 Z
5
4


Similar Part No. - SS-BGA324E-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA324J-01 IRONWOOD-SS-BGA324J-01 Datasheet
241Kb / 4P
   Minimum real estate required
SS-BGA324J-02 IRONWOOD-SS-BGA324J-02 Datasheet
263Kb / 5P
   Minimum real estate required
SS-BGA324J-M-01 IRONWOOD-SS-BGA324J-M-01 Datasheet
131Kb / 3P
   Minimum real estate required
SS-BGA324K-01 IRONWOOD-SS-BGA324K-01 Datasheet
243Kb / 4P
   Minimum real estate required
More results

Similar Description - SS-BGA324E-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com