Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EN302 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC68EN302
Description  Integrated Multiprotocol Processor with Ethernet
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EN302 Datasheet(HTML) 5 Page - Motorola, Inc

  MC68EN302 Datasheet HTML 1Page - Motorola, Inc MC68EN302 Datasheet HTML 2Page - Motorola, Inc MC68EN302 Datasheet HTML 3Page - Motorola, Inc MC68EN302 Datasheet HTML 4Page - Motorola, Inc MC68EN302 Datasheet HTML 5Page - Motorola, Inc MC68EN302 Datasheet HTML 6Page - Motorola, Inc MC68EN302 Datasheet HTML 7Page - Motorola, Inc MC68EN302 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOTOROLA
MC68EN302 PRODUCT INFORMATION
5
• Programmable refresh period and pre-charge period
• RAS lines are separate from the four chip selects
• Refresh hidden from bus accesses
• Write protect option
• Each bank programmable size from 128Kbytes to 8Mbytes
Figure 4. DRAM Controller
MC68EN302 APPLICATIONS
The MC68EN302 is intended for low-end bridge and router applications. It has the three SCCs from the
MC68302, plus an additional Ethernet interface giving it a total of four serial interfaces.
Since the MC68EN302 has both the three SCCs as well as an Ethernet interface, it would be an excellent
choice in an ISDN to Ethernet router.
For remote access dial-in, the MC68EN302 could be used in a dial-up modem that would connect to an
Ethernet LAN.
• Low End Bridges
ADDRESS 23–ADDRESS 0
BLOCKHIT0
BLOCKHIT1
ADDRESS
MULTIPLEXING
DRAM ADDRESS
ADDRESS
DECODE
CLK
RFRESH
TIMER
RAS/CAS
GENERATION
AMUX
RAS1, RAS0
CAS1, CAS0
DRAM_RW
AS
UDS
LDS
R/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68EN302

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
MC68EN302 FREESCALE-MC68EN302 Datasheet
198Kb / 2P
   MOTOROLA??S MC68302 INTEGRATED MULT I -PROTOCOL PROCESSOR
MC68EN302PV20 FREESCALE-MC68EN302PV20 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
MC68EN302PV25 FREESCALE-MC68EN302PV25 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
More results

Similar Description - MC68EN302

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
ATMEL Corporation
TS68302 ATMEL-TS68302 Datasheet
1Mb / 47P
   Integrated Multiprotocol Processor IMP
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com