Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD4001-SH Datasheet(PDF) 4 Page - Leshan Radio Company

Part # SOD4001-SH
Description  Cavity-free glass passivated junction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SOD4001-SH Datasheet(HTML) 4 Page - Leshan Radio Company

  SOD4001-SH Datasheet HTML 1Page - Leshan Radio Company SOD4001-SH Datasheet HTML 2Page - Leshan Radio Company SOD4001-SH Datasheet HTML 3Page - Leshan Radio Company SOD4001-SH Datasheet HTML 4Page - Leshan Radio Company SOD4001-SH Datasheet HTML 5Page - Leshan Radio Company SOD4001-SH Datasheet HTML 6Page - Leshan Radio Company SOD4001-SH Datasheet HTML 7Page - Leshan Radio Company SOD4001-SH Datasheet HTML 8Page - Leshan Radio Company SOD4001-SH Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Title :
5.1.1 Reel Packing
A. Reel Spec
unit:mm
AB
C
W
177.0±2.0
54.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
177.0±2.0
50.0±0.5
13.0±0.5
9.4±1.5
177.0±2.0
50.0±0.5
13.0±0.5
9.4±1.5
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
B. 13" reel packing box
unit:mm
ABC
size
335±5.0
335±2.0
40±1.0
as per above packing
Q'ty/Box
10K
10K
10K
SOD323HE 7" reel
3K
SMB-FL 13" reel
5K
SMB-FL 13" reel
Spec
SMA13" reel
DOC NO.:
WI-258
Power Diode SMD Package Pa cking Spec
Version: 5
Modification: 0
Page:
2
SMA13" reel
5K
5.1 、SMD Packing Reel Spec & Packing Quantity
SPEC
Quantity/Reel
SMA 7" reel
2K
SMA-FL13" reel
5K
TO277 13" reel
5K
SOD123FL 7" reel
3K
TO277 13" reel


Similar Part No. - SOD4001-SH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - SOD4001-SH

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURN101-HF COMCHIP-CURN101-HF Datasheet
291Kb / 2P
   Glass passivated cavity-free junction, Low power loss, High efficiency
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Pan Jit International I...
PG100R PANJIT-PG100R_09 Datasheet
68Kb / 2P
   HALOGEN FREE GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com