Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD320G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRD320G
Description  Switch-mode Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD320G Datasheet(HTML) 4 Page - ON Semiconductor

  MBRD320G Datasheet HTML 1Page - ON Semiconductor MBRD320G Datasheet HTML 2Page - ON Semiconductor MBRD320G Datasheet HTML 3Page - ON Semiconductor MBRD320G Datasheet HTML 4Page - ON Semiconductor MBRD320G Datasheet HTML 5Page - ON Semiconductor MBRD320G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBRD320G, MBRD330G, MBRD340G, MBRD350G, MBRD360G
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Average Power Dissipation
0.7
1.0
0.1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
40
70
0
20
0.1
0.04
0.001
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
10
8.0
6.0
4.0
2.0
0
2.0
1.0
0.4
0.2
0.3
0.5
0.6
0.8
0.9
50
60
10
20
30
10
40
100
3.0
4.0
5.0
6.0
7.0
10
0.1
1.1
8.0
9.0
9.0
7.0
5.0
3.0
1.0
0.2
0.4
1.0
0.02
0.01
0.004
0.002
TJ = 25°C
150
°C
125
°C
75
°C
TJ = 150°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5
TJ = 150°C
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
125
°C
4.0
2.0
100
°C
75
°C
25
°C


Similar Part No. - MBRD320G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD320G ONSEMI-MBRD320G Datasheet
64Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 4
MBRD320G ONSEMI-MBRD320G Datasheet
105Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBRD320G ONSEMI-MBRD320G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
MBRD320G ONSEMI-MBRD320G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
More results

Similar Description - MBRD320G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com