Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRD81035CTLG Datasheet(PDF) 2 Page - ON Semiconductor

Part # SBRD81035CTLG
Description  Switch-mode Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBRD81035CTLG Datasheet(HTML) 2 Page - ON Semiconductor

  SBRD81035CTLG Datasheet HTML 1Page - ON Semiconductor SBRD81035CTLG Datasheet HTML 2Page - ON Semiconductor SBRD81035CTLG Datasheet HTML 3Page - ON Semiconductor SBRD81035CTLG Datasheet HTML 4Page - ON Semiconductor SBRD81035CTLG Datasheet HTML 5Page - ON Semiconductor SBRD81035CTLG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRD1035CTL, NRVBD1035VCTL, SBRD81035CTL Series
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
V
Average Rectified Forward Current
(At Rated VR, TC = 115°C)
Per Leg
Per Package
IO
5.0
10
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TC = 115°C)
Per Leg
IFRM
10
A
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
Per Package
IFSM
50
A
Storage / Operating Case Temperature
Tstg, Tc
−55 to +150
°C
Operating Junction Temperature (Note 1)
TJ
−55 to +150
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
Per Leg
RqJC
3.0
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
Per Leg
RqJA
137
°C/W
2. Rating applies when using minimum pad size, FR4 PC Board
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3) (See Figure 2)
Per Leg
(IF = 5 Amps, TJ = 25°C)
(IF = 5 Amps, TJ = 100°C)
(IF = 10 Amps, TJ = 25°C)
(IF = 10 Amps, TJ = 100°C)
VF
0.47
0.41
0.56
0.55
V
Maximum Instantaneous Reverse Current (Note 3) (See Figure 4)
Per Leg
(VR = 35 V, TJ = 25°C)
(VR = 35 V, TJ = 100°C)
(VR = 17.5 V, TJ = 25°C)
(VR = 17.5 V, TJ = 100°C)
IR
2.0
30
0.20
5.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2.0%


Similar Part No. - SBRD81035CTLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRD81035CTLG ONSEMI-SBRD81035CTLG Datasheet
231Kb / 7P
   Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
SBRD81035CTLG-VF01 ONSEMI-SBRD81035CTLG-VF01 Datasheet
231Kb / 7P
   Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
More results

Similar Description - SBRD81035CTLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
   Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
   Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20100CTG ONSEMI-MBRF20100CTG Datasheet
55Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 10
MBR4015LWTG ONSEMI-MBR4015LWTG Datasheet
73Kb / 5P
   Switch Mode Schottky Power Rectifier
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com