Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3488AE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3488AE
Description  3.3V-Powered, 짹20kV ESD-Protected
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3488AE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3488AE Datasheet HTML 1Page - Maxim Integrated Products MAX3488AE Datasheet HTML 2Page - Maxim Integrated Products MAX3488AE Datasheet HTML 3Page - Maxim Integrated Products MAX3488AE Datasheet HTML 4Page - Maxim Integrated Products MAX3488AE Datasheet HTML 5Page - Maxim Integrated Products MAX3488AE Datasheet HTML 6Page - Maxim Integrated Products MAX3488AE Datasheet HTML 7Page - Maxim Integrated Products MAX3488AE Datasheet HTML 8Page - Maxim Integrated Products MAX3488AE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Ordering Information appears at end of data sheet.
General Description
Devices in the MAX3483AE family (MAX3483AE/
MAX3485AE/MAX3488AE/MAX3490AE/MAX3491AE)
are ±20kV ESD-protected RS-485/422 transceivers,
optimized for extended cable runs in noisy environments.
All devices operate from a single 3.3V supply.
The MAX3483AE and MAX3485AE are half-duplex transceivers.
The MAX3488AE, MAX3490AE, and MAX3491AE are
full-duplex transceivers. All receivers feature a unit-load
input impedance, allowing up to 32 devices on a single
bus. Each transceiver includes a fail-safe receiver, ensuring
that the receiver output (RO) is high when inputs are
shorted, open, or connected to a tri-state bus.
All devices feature enhanced electrostatic discharge (ESD)
protection. All transmitter outputs and receiver inputs are
protected to ±20kV HBM ESD, ±15kV Air-Gap ESD and
±8kV Contact ESD in accordance to IEC 61000-4-2.
The MAX3483AE, MAX3485AE, MAX3488AE, and
MAX3490AE are available in industry standard 8-pin SO
package, while the MAX3491AE is available in a 14-pin
SO package.
Benefits and Features
● IntegratedProtectionIncreasesRobustness
• HighESDProtection
±20kV HBM ESD per JEDEC JS-001-2012
±15kV Air Gap per IEC 61000-4-2
±8kV Contact ESD per IEC 61000-4-2
• Short-CircuitProtectedOutputs
• TrueFail-SafeReceiverPreventsFalseTransition
on Receiver Input Short or Open Events
• Hot-Swap Capability Eliminates False Transitions
DuringPower-UporHotInsertion
● High-SpeedDataRatesupto20Mbps
● Upto-40°Cto+125°COperatingTemperature
● AllowsUpto128TransceiversontheBus
Applications
● Industrial-ControlLocalAreaNetworks
● TransceiversforEMI-SensitiveApplications
● Telecommuncations
19-8506; Rev 0; 3/16
MAX3491AE
VCC
RO
DI
Y
Z
B
A
DE
RE
D
R
MAX3488AE
MAX3490AE
SHUTDOWN
VCC
RO
RE
DE
DI
Y
Z
B
A
D
R
R
D
SHUTDOWN
RO
RE
DE
DI
A
B
MAX3483AE
MAX3485AE
Functional Diagram
MAX3483AE/MAX3485AE/
MAX3488AE/MAX3490AE/
MAX3491AE
+3.3V-Powered, ±20kV ESD-Protected,
20Mbps and Slew-Rate-Limited
RS-485/RS-422 Transceivers


Similar Part No. - MAX3488AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3488AEGSA++ MAXIM-MAX3488AEGSA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
More results

Similar Description - MAX3488AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3485ECSA MAXIM-MAX3485ECSA Datasheet
237Kb / 16P
   3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
   3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
October 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com