Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX12930 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX12930
Description  Two-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12930 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX12930 Datasheet HTML 3Page - Maxim Integrated Products MAX12930 Datasheet HTML 4Page - Maxim Integrated Products MAX12930 Datasheet HTML 5Page - Maxim Integrated Products MAX12930 Datasheet HTML 6Page - Maxim Integrated Products MAX12930 Datasheet HTML 7Page - Maxim Integrated Products MAX12930 Datasheet HTML 8Page - Maxim Integrated Products MAX12930 Datasheet HTML 9Page - Maxim Integrated Products MAX12930 Datasheet HTML 10Page - Maxim Integrated Products MAX12930 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, GNDA = GNDB, TA = 25°C, unless otherwise noted.) (Notes 2,3)
MAX12930/MAX12931
Two-Channel Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 7
Dynamic Characteristics MAX1293_C/F
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Transient
Immunity
CMTI
IN_ = GND_ or V
DD_ (Note 5)
50
kV/us
Maximum Data Rate
DRMAX
150
Mbps
Minimum Pulse Width
PWMIN
2.25V≤VDD_≤5.5V
5
ns
1.71V≤VDD_≤1.89V
6.67
Propagation Delay
(Figure 1)
tPLH
4.5V≤VDD_≤5.5V
4.1
5.4
9.2
ns
3.0V≤VDD_≤3.6V
4.2
5.9
10.2
2.25V≤VDD_≤2.75V
4.9
7.1
13.4
1.71V≤VDD_≤1.89V
7.1
10.9
20.3
tPHL
4.5V≤VDD_≤5.5V
4.3
5.6
9.4
3.0V≤VDD_≤3.6V
4.4
6.2
10.5
2.25V≤VDD_≤2.75V
5.1
7.3
14.1
1.71V≤VDD_≤1.89V
7.2
10.9
21.7
Pulse Width Distortion
PWD
0.3
2
ns
Propagation Delay Skew
Part-to-Part (same channel)
tSPLH
4.5V≤VDD_ ≤5.5V
3.7
ns
3.0V≤VDD_ ≤3.6V
4.3
2.25V≤VDD_ ≤2.75V
6
1.71V≤VDD_ ≤1.89V
10.3
tSPHL
4.5V≤VDD_ ≤5.5V
3.8
3.0V≤VDD_ ≤3.6V
4.7
2.25V≤VDD_ ≤2.75V
6.5
1.71V≤VDD_ ≤1.89V
11.5
Propagation Delay Skew
Channel-to-Channel
(same direction)
MAX12930 only
tSCSLH
2
ns
tSCSHL
2
Propagation Delay Skew
Channel-to-Channel
(opposite direction)
MAX12931 only
tSCOLH
2
ns
tSCOHL
2
Peak Eye Diagram Jitter
TJIT(PK)
150Mbps
90
ps


Similar Part No. - MAX12930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12930 MAXIM-MAX12930 Datasheet
4Mb / 20P
   Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX12930BASA++ MAXIM-MAX12930BASA+ Datasheet
1Mb / 24P
   Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
MAX12930CASA++ MAXIM-MAX12930CASA+ Datasheet
1Mb / 24P
   Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
MAX12930EASA++ MAXIM-MAX12930EASA+ Datasheet
1Mb / 24P
   Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
MAX12930FASA++ MAXIM-MAX12930FASA+ Datasheet
1Mb / 24P
   Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
More results

Similar Description - MAX12930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12934 MAXIM-MAX12934_V01 Datasheet
1Mb / 21P
   Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
   Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
MAX12934 MAXIM-MAX12934 Datasheet
1Mb / 20P
   Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
MAX12935 MAXIM-MAX12935 Datasheet
1Mb / 20P
   Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
MAX22290 MAXIM-MAX22290 Datasheet
1Mb / 22P
   Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
2021
MAX12930 MAXIM-MAX12930_V01 Datasheet
1Mb / 24P
   Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
logo
Analog Devices
ADP1032 AD-ADP1032 Datasheet
1Mb / 37P
   Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com