Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14852 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14852
Description  2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14852 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14852 Datasheet HTML 2Page - Maxim Integrated Products MAX14852 Datasheet HTML 3Page - Maxim Integrated Products MAX14852 Datasheet HTML 4Page - Maxim Integrated Products MAX14852 Datasheet HTML 5Page - Maxim Integrated Products MAX14852 Datasheet HTML 6Page - Maxim Integrated Products MAX14852 Datasheet HTML 7Page - Maxim Integrated Products MAX14852 Datasheet HTML 8Page - Maxim Integrated Products MAX14852 Datasheet HTML 9Page - Maxim Integrated Products MAX14852 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Note 2: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to their
respective ground (GNDA or GNDB), unless otherwise noted.
Note 4: VLDO max indicates voltage capability of the circuit. Power dissipation requirements may limit VLDO max to a lower value.
Note 5: ΔVODandΔVOC are the changes in VOD and VOC, respectively, when the TXD input changes state.
Note 6: The short circuit output current applies to the peak current just prior to current limiting.
Note 7: Not production tested. Guaranteed by design.
Note 8: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining the correct output states. CMTI
applies to both rising and falling common-mode voltage edges. Tested with the transient generator connected between
GNDA and GNDB. VCM = 1kV
Note 9: Capacitive load includes test probe and fixture capacitance.
Switching Electrical Characteristics (MAX14854)
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VDDA – VGNDA = 3.3V, VDDB – VGNDB = 3.3V, VGNDA = VGNDB, and TA = +25°C.) (Note 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC
Common Mode Transient
Immunity
CMTI
(Note 8)
35
kV/μs
Glitch Rejection
TXD, DE, RXD
10
17
29
ns
DRIVER
Driver Propagation Delay
tDPLH, tDPHL
RL=54Ω,CL = 50pF, Figure 2 and
Figure 3
65
ns
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
RL=54Ω,CL = 50pF, Figure 2 and
Figure 3
7
ns
Driver Differential Output Rise
or Fall Time
tLH, tHL
RL=54Ω,CL = 50pF, Figure 2 and
Figure 3
10
ns
Maximum Data Rate
DRMAX
25
Mbps
Driver Enable to Output High
tDZH
RL=110Ω,CL = 50pF, Figure 4
80
ns
Driver Enable to Output Low
tDZL
RL=110Ω,CL = 50pF, Figure 5
80
ns
Driver Disable Time from Low
tDLZ
RL=110Ω,CL = 50pF, Figure 5
80
ns
Driver Disable Time from High
tDHZ
RL=110Ω,CL = 50pF, Figure 4
80
ns
RECEIVER
Receiver Propagation Delay
tRPLH, tRPHL
CL = 15pF, Figure 6 and Figure 7
(Note 9)
65
ns
Receiver Output Skew
|tRPLH - tRPHL|
tRSKEW
CL = 15pF, Figure 6 and Figure 7
(Note 9)
7
ns
Maximum Data Rate
DRMAX
25
Mbps
Receiver Enable to Output High
tRZH
RL=1kΩ,CL = 15pF, S2 closed,
Figure 8
20
ns
Receiver Enable to Output Low
tRZL
RL=1kΩ,CL = 15pF, S1 closed,
Figure 8
30
ns
Receiver Disable Time From Low
tRLZ
RL=1kΩ,CL = 15pF, S1 closed,
Figure 8
20
ns
Receiver Disable Time From High
tRHZ
RL=1kΩ,CL = 15pF, S2 closed,
Figure 8
20
ns
www.maximintegrated.com
Maxim Integrated │ 6
MAX14852/MAX14854
2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
RS-485/RS-422 Transceivers
with ±35kV ESD Protection


Similar Part No. - MAX14852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14852 MAXIM-MAX14852 Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
More results

Similar Description - MAX14852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14856 MAXIM-MAX14856 Datasheet
809Kb / 22P
   5kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14938 MAXIM-MAX14938 Datasheet
1Mb / 22P
   2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 4/16
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Renesas Technology Corp
ISL32705E RENESAS-ISL32705E Datasheet
860Kb / 20P
   Low-EMI Isolated Full-Duplex RS-485 Transceiver
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com