Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14852GWE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14852GWE+
Description  2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14852GWE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14852GWE+ Datasheet HTML 1Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 2Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14852GWE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DC Electrical Characteristics (continued)
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VDDA – VGNDA = 3.3V, VDDB – VGNDB = 3.3V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Load Capacitance
Nominal value (Note 7)
1
10
µF
LOGIC INTERFACE (TXD, RXD, DE, RE, SBA)
Input High Voltage
VIH
RE, TXD, DE to
GNDA
2.25V ≤ VDDA ≤
5.5V
0.7 x
VDDA
V
1.71V ≤ VDDA ≤
1.89V
0.78 x
VDDA
Input Low Voltage
VIL
RE, TXD, DE to
GNDA
2.25V ≤ VDDA ≤
5.5V
0.8
V
1.71V ≤ VDDA ≤
1.89V
0.6
Input Hysteresis
VHYS
RE, TXD, DE to GNDA
220
mV
Input Capacitance
CIN
RE, TXD, DE, f = 1MHz
2
pF
Input Pullup Current
IPU
TXD
-10
-4.5
-1.5
µA
Input Pulldown Current
IPD
DE, RE
1.5
4.5
10
µA
SBA Pullup Resistance
RSBA
3
5
8
Output Voltage High
VOH
RXD to GNDA, IOUT = -4mA
VDDA
-0.4
V
Output Voltage Low
VOL
RXD to GNDA, IOUT = 4mA
0.40
V
SBA to GNDA, IOUT = 4mA
0.45
Short-Circuit Output Pullup
Current
ISH_PU
0V≤VRXD≤VDDA, (VA - VB) > -10mV,
RE = low
-42
mA
Short-Circuit Output Pulldown
Current
ISH_PD
0V≤VRXD≤VDDA, (VA - VB) <
-200mV, RE = low
40
mA
0V≤VSBA≤VDDA, side B is powered
and working
60
Three-State Output Current
IOZ
0V≤VRXD≤VDDA, RE = high
-1
+1
µA
DRIVER
Differential Driver Output
|VOD|
RL=54Ω,TXD=highorlow,Figure1a
1.5
V
RL=100Ω,TXD=highorlow,Figure1a
2.0
-7V ≤ VCM ≤+12V, Figure 1b
1.5
5
Change in Magnitude of Differ-
ential Driver Output Voltage
ΔVOD
RL = 100Ωor54Ω,Figure1a(Note5)
0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 100Ωor54Ω,Figure1a(Note5)
VDDB/
2
3
V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
RL = 100Ωor54Ω,Figure1a(Note5)
0.2
V
www.maximintegrated.com
Maxim Integrated │ 3
MAX14852/MAX14854
2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
RS-485/RS-422 Transceivers
with ±35kV ESD Protection


Similar Part No. - MAX14852GWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14852 MAXIM-MAX14852 Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
More results

Similar Description - MAX14852GWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14856 MAXIM-MAX14856 Datasheet
809Kb / 22P
   5kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14938 MAXIM-MAX14938 Datasheet
1Mb / 22P
   2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 4/16
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Renesas Technology Corp
ISL32705E RENESAS-ISL32705E Datasheet
860Kb / 20P
   Low-EMI Isolated Full-Duplex RS-485 Transceiver
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com