Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14939GWE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14939GWE+
Description  2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14939GWE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14939GWE+ Datasheet HTML 1Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 2Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14939GWE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DC Electrical Characteristics (continued)
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
Switching Electrical Characteristics
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Note 8)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PROTECTION
Thermal-Shutdown Threshold
TSHDN
Temperature Rising
+160
°C
Thermal-Shutdown Hysteresis
THYST
15
°C
ESD Protection
(A and B Pins to GNDB)
Human Body Model
±35
kV
IEC 61000-4-2 Air Gap Discharge
±12
IEC 61000-4-2 Contact Discharge
±10
ESD Protection (All Other Pins)
Human Body Model
±4
kV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC
Common Mode Transient
Immunity
CMTI
(Note 9)
35
kV/μs
Glitch Rejection
TXD, DE, RXD
10
17
29
ns
DRIVER
Driver Propagation Delay
tDPLH, tDPHL
RL = 54Ω, CL = 50pF, Figure 3 and
Figure 4
68
ns
Differential Driver Output Skew
|tDPLH – tDPHL|
tDSKEW
RL = 54Ω, CL = 50pF, Figure 3 and
Figure 4
6
ns
Driver Differential Output Rise
or Fall Time
tLH, tHL
RL = 54Ω, CL = 50pF, Figure 3 and
Figure 4
15
ns
Maximum Data Rate
DRMAX
20
Mbps
Driver Enable to Output High
tDZH
RL = 500Ω, CL = 50pF, Figure 5
88
ns
MAX14938/MAX14939
2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 5


Similar Part No. - MAX14939GWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14939 MAXIM-MAX14939 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
More results

Similar Description - MAX14939GWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14941 MAXIM-MAX14941 Datasheet
931Kb / 21P
   5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14852 MAXIM-MAX14852 Datasheet
807Kb / 22P
   2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
   20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com