Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14941GWE+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14941GWE+T
Description  5kV Isolated 20Mbps Half-Duplex PROFIBUS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14941GWE+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14941GWE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 9Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 10Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 11Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 12Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 13Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 14Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
(VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C, unless otherwise noted.)
RECEIVER
PROPAGATION DELAY
RXD
2V/div
0V
B
1V/div
A
1V/div
toc12
10ns/div
CL = 15pF
0
10
20
30
40
50
60
70
80
-45 -30 -15 0 15 30 45 60 75 90 105
TEMPERATURE (°C)
DRIVER ENABLE/DISABLE
DELAY vs. TEMPERATURE
toc10
tDZH
tDZL
tDHZ
tDLZ
0
10
20
30
40
50
60
70
80
0
5
10
15
20
DATA RATE (Mbps)
VDDB SUPPLY
CURRENT vs. DATA RATE
toc14
NO LOAD
54Ω LOAD
120Ω LOAD
DRIVER
PROPAGATION DELAY
TXD
2V/div
0V
A
1V/div
B
1V/div
toc11
10ns/div
RL = 54Ω
CL = 50pF
0
1
2
3
4
5
6
7
8
0
5
10
15
20
DATA RATE (Mbps)
VDDA SUPPLY CURRENT
vs. DATA RATE
toc13
Maxim Integrated │ 11
www.maximintegrated.com
MAX14941/MAX14942
5kV Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
Typical Operating Characteristics (continued)


Similar Part No. - MAX14941GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14941 MAXIM-MAX14941 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
More results

Similar Description - MAX14941GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14938 MAXIM-MAX14938 Datasheet
1Mb / 22P
   2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 4/16
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
   20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com