Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14941GWE+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14941GWE+T
Description  5kV Isolated 20Mbps Half-Duplex PROFIBUS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14941GWE+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14941GWE+T Datasheet HTML 1Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 2Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14941GWE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DC Electrical Characteristics (continued)
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dropout Voltage
VLDO = 4.68V, IDDB = 120mA
100
180
mV
Load Capacitance
Nominal value (Note 8)
1
10
µF
LOGIC INTERFACE (TXD, RXD, DE, RE, SBA, PV, DEM)
Input High Voltage
VIH
RE, TXD, DE, PV
to GNDA
2.25V < VDDA <
5.5V
0.7 x
VDDA
V
1.71V < VDDA <
1.89V
0.78 x
VDDA
Input Low Voltage
VIL
RE, TXD, DE, PV
to GNDA
2.25V < VDDA <
5.5V
0.8
V
1.71V < VDDA <
1.89V
0.6
Input Hysteresis
VHYS
RE, TXD, DE, PV to GNDA
220
mV
Input Capacitance
CIN
RE, TXD, DE, PV, f = 1MHz
2
pF
Input Pull-Up Current
IPU
TXD, PV
-10
-4.5
-1.5
µA
Input Pull-Down Current
IPD
DE, RE
1.5
4.5
10
µA
SBA Pull-Up Resistance
RSBA
MAX14942 only
3
5
8
Output Voltage High
VOH
RXD to GNDA, IOUT = -4mA
VDDA -
0.4
V
MAX14941 only, DEM to GNDB,
IOUT = -4mA
VDDB -
0.4
Output Voltage Low
VOL
RXD to GNDA, IOUT = 4mA
0.40
V
MAX14941 only, DEM to GNDB,
IOUT = 4mA
0.40
MAX14942 only, SBA to GNDA,
IOUT = 4mA
0.45
Short Circuit Output Pull-Up
Current
ISH_PU
0V ≤ VRXD ≤ VDDA, RE = low
-42
mA
MAX14941 only, 0V ≤ VDEM ≤ VDDB,
DE = high, PV = high
-42
Short Circuit Output Pull-Down
Current
ISH_PD
0V ≤ VRXD ≤ VDDA, RE = low
+40
mA
MAX14941 only, 0V ≤ VDEM ≤ VDDB,
DE = low, PV = high
+40
MAX14942 only, 0V ≤ VSBA ≤ VDDA,
side B is powered and working
+60
Tri-State Output Current
IOZ
0V ≤ VRXD ≤ VDDA, RE = high
-1
+1
µA
DRIVER
Differential Driver Output
|VOD|
RL = 54Ω, TXD = high or low,
Figure 1a
2.1
V
RL = 100Ω, TXD = high or low,
Figure 1a
2.9
-7V ≤ VCM ≤ +12V, Figure 1b
1.5
5
MAX14941/MAX14942
5kV Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 3


Similar Part No. - MAX14941GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14941 MAXIM-MAX14941 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
More results

Similar Description - MAX14941GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14938 MAXIM-MAX14938 Datasheet
1Mb / 22P
   2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 4/16
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
   20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com