Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T591B107M2R5ATE025 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T591B107M2R5ATE025
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T591B107M2R5ATE025 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T591B107M2R5ATE025 Datasheet HTML 5Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 6Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 7Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 8Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 9Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 10Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 11Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 12Page - Kemet Corporation T591B107M2R5ATE025 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 9/16/2016
99
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
Surge Voltage
Surgevoltageisthemaximumvoltage(peakvalue)whichmaybeappliedtothecapacitor.
Thesurgevoltagemustnotbeappliedforperiodiccharginganddischarginginthecourseofnormaloperationandcannot
bepartoftheapplicationvoltage.
Surgevoltagecapabilityisdemonstratedbyapplicationof1,000cyclesatrelevantvoltageat105ºCand125ºC.
Thepartsarechargedthrougha33Ohmresistorfor30secondsandthendischargedthougha33Ohmresistorforeach
cycle.
Rated Voltage (V)
Surge Voltage (V)
Derated Voltage (V)
Derated Surge Voltage (V)
–55ºCto105ºC
Upto125ºC
2, 5
3, 3
1, 7
2, 2
6, 3
8, 2
4, 2
5, 5
10
13, 0
6, 7
8, 7
16
20, 8
10, 7
13, 9
20
26, 0
13, 4
17, 4
25
32, 5
16, 8
21, 8
35
45, 5
23, 5
30, 5
50
65,
33, 5
43, 6
Reverse Voltage
Polymerelectrolyticcapacitorsarepolardevicesandmaybepermanentlydamagedordestroyedifconnectedinthewrong
polarity.Thesedeviceswillwithstandasmalldegreeoftransientvoltagereversalforshortperiodsasshowninthebelow
table.
Temperature
Permissible Transient Reverse Voltage
25°C
15%ofRatedVoltage
55°C
10%ofRatedVoltage
85°C
5%ofRatedVoltage
105°C
3%ofRatedVoltage
125°C*
1%ofRatedVoltage
*For series rated to 125°C


Similar Part No. - T591B107M2R5ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T591B107M2R5ATE025 KEMET-T591B107M2R5ATE025 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
More results

Similar Description - T591B107M2R5ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025_17 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com