Electronic Components Datasheet Search |
|
T140C105K020AS0100 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T140C105K020AS0100 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2034_T140_AXIAL_T242 • 6/27/2016 22 Tantalum Through-Hole Capacitors – Hermetically Sealed T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style) Ordering Information – T140 T 140 A 105 K 050 A S 7200 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance RatedVoltage (VDC) FailureRate/Military ProductOnly Termination Finish Specification T = Tantalum Hermetically Sealed Axial Capacitor A, B, C,D Firsttwodigits representsignificant figures.Thirddigit specifiesnumberof zeros. K = ±10% M = ±20% 006 = 6 010 = 10 015 = 15 020 = 20 030 = 30 035 = 35 060 = 60 050 = 50 060 = 60 A = N/A S = Standard (Sn/Pb) T = 100% Tin All capacitors are sleeved unlessspecified. 0100 = Without sleeve 7200 =Tape&Reel 7293 & 7443 = Ammo 4250=10cycles,25°C afterWeibull 4251=10cycles,-55& 85°CafterWeibull 4252=10cycles,-55& 85°CbeforeWeibull Ordering Information – T242 (CSR23 Style) T 242 A 105 K 050 A S C Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance RatedVoltage (VDC) FailureRate/Military ProductOnly Termination Finish Specification T = Tantalum T242 = CSR23 A, B, C,D Firsttwodigits representsignificant figures.Thirddigit specifiesnumberof zeros. K = ±10% M = ±20% 006 = 6 010 = 10 015 = 15 020 = 20 030 = 30 035 = 35 060 = 60 050 = 50 060 = 60 Graded: B = 0.1%/k hours C = 0.01%/k hours D=0.001%/khours G = 1.0%/k hours Exponential: M = 1%/k hours P = 0.1%/k hours R=0.01%/khours S = 0.001%/k hours S = Standard All capacitors are sleeved unlessspecified. 0100 = Without sleeve 7200=Tape&Reel 7293 & 7443= Ammo 4250=10cycles,25°C afterWeibull 4251=10cycles,-55& 85°CafterWeibull 4252=10cycles,-55& 85°CbeforeWeibull Ordering Information – MIL–PRF 39003 M39003 /03 3075 A Capacitor Class Slash DashNumber Surge Option Military Specification Number Specification SheetNumber FailureRate Level A = C-4250 B = C-4251 C = C-4252 Blank - No surge Orders should be entered by the military specification number, including the dash number and surge option letter (A, B or C). |
Similar Part No. - T140C105K020AS0100 |
|
Similar Description - T140C105K020AS0100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |