Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX32625IWY+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX32625IWY+T
Description  High-Efficiency Microcontroller for Wearable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32625IWY+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX32625IWY+T Datasheet HTML 4Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 5Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 6Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 7Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 8Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 9Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 10Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 11Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
(Limits are 100% tested at TA = +25ºC and TA = +85ºC. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to -30°C are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage for RSTN
VIH_RSTN
0.7 x
VRTC
V
Input High Voltage for
SRSTN
VIH_SRSTN
0.7 x
VDDIO
V
Output Low Voltage for All
GPIO
VOL_GPIO
IOL = 4mA, VDDIO = VDDIOH = 1.71V,
VDDIO selected as I/O supply, normal drive
configuration, pin configured as GPIO
0.2
0.4
V
IOL = 24mA, VDDIO = VDDIOH = 1.71V,
VDDIO selected as I/O supply, fast drive
configuration, pin configured as GPIO
0.2
0.4
IOL = 900μA, VDDIO = 1.71V, VDDIOH =
2.97V, VDDIOH selected as I/O supply, pin
configured as GPIO
0.2
0.4
Output High Voltage for All
GPIO
VOH_GPIO
IOH = -2mA, VDDIO = VDDIOH = 1.71V,
VDDIO selected as I/O supply, normal drive
configuration, pin configured as GPIO
VDDIO -
0.4
V
IOH = -8mA, VDDIO = VDDIOH = 1.71V,
VDDIO selected as I/O supply, fast drive
configuration, pin configured as GPIO
VDDIO -
0.4
IOH = -900μA, VDDIOH = 3.6V, VDDIOH
selected as I/O supply, pin configured as
GPIO
VDDIOH
- 0.4
IOH = -2mA, VDDIO = 1.71V, VDDIOH =
3.6V, VDDIO selected as I/O supply, pin
configured as GPIO
VDDIO -
0.50
Combined IOL, All GPIO
IOL_TOTAL
48
mA
Combined IOH, All GPIO
IOH_TOTAL
-48
mA
Input Hysteresis (Schmitt)
VIHYS
300
mV
Input/Output Pin
Capacitance for All Pins
CIO
3
pF
Input Leakage Current Low
IIL
VDDIO = 1.89V, VDDIOH = 3.6V, VDDIOH
selected as I/O supply, VIN = 0V, internal
pullup disabled
-100
+100
nA
Input Leakage Current High
IIH
VDDIO = 1.89V, VDDIOH = 3.6V, VDDIOH
selected as I/O supply, VIN = 3.6V, internal
pulldown disabled
-100
+100
nA
IOFF
VDDIO = 0V, VDDIOH = 0V, VDDIO selected
as I/O supply, VIN < 1.89V
-1
+1
μA
IIH3V
VDDIO = VDDIOH = 1.71V, VDDIO selected
as I/O supply, VIN = 3.6V
-2
+2
Electrical Characteristics (continued)
MAX32625/MAX32626
Ultra-Low Power, High-Performance
ARM Cortex-M4F Microcontroller for Wearables
www.maximintegrated.com
Maxim Integrated │ 8


Similar Part No. - MAX32625IWY+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
More results

Similar Description - MAX32625IWY+T

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
   Wearable electronic & IoT devices ??Memory backup circuits
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
   High Resolution Digital Biosensor for Wearable Applications
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com